Electronic Components Datasheet Search
  English  ▼

X  

AP100B10 Datasheet(PDF) 2 Page - LEM

Part # AP100B10
Description  AC Current transducer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

AP100B10 Datasheet(HTML) 2 Page - LEM

  AP100B10 Datasheet HTML 1Page - LEM AP100B10 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions AP(R)-B10
(unit : mm, 1mm = 0.0394 inch)
Mechanical characteristics
• General tolerance
±1 mm
• Primary aperture
∅ 18.5 mm
• Panel mounting
2 holes
∅ 4.0 mm
• Distance between holes
40.0 mm
For panel mounting, replace M4 screws by new one (not supplied) with appropriate length to panel´s thickness.
Connections
• Wires up to 2 mm ∅
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Front Vie w
Bottom View
Left View
Axis of ape rture
Plug-in connector included : XW4B-03C1-H1 (OMRON)
(distance between screws)
5 5
40
20
Rang e Selection Switch
Output Vo ltage
Selection Switch
67
37
25
16.40
18.50
2(out)1(+)
3(-)
Output
Range Switch
0-5, 10V Selectable
AP/APR
Connector
Front
Output Switch
GND
OUTPUT
+24VDC
RL
Ip
Is
OUT
+24VDC
GND
Ip
Is
OUT
+24VDC
GND



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com