Electronic Components Datasheet Search
  English  ▼

X  

AP100B10 Datasheet(PDF) 1 Page - LEM

Part # AP100B10
Description  AC Current transducer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

AP100B10 Datasheet(HTML) 1 Page - LEM

  AP100B10 Datasheet HTML 1Page - LEM AP100B10 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical data
Primary Nominal Current
Analogue Output Signal
Type
I
PN (A.t.RMS)
V
OUT
(V)
10,25,50
0-5V or 0-10V
AP 50 B10
50,75,100
0-5V or 0-10V
AP 100 B10
100,150,200
0-5V or 0-10V
AP 200 B10
200,300,400
0-5V or 0-10V
AP 400 B10
R
L
Load resistance
≥ 10
k
Ω
V
C
Supply voltage
+24 ±5% V DC
I
C
Current Consumption
< 30
mA
Limitation of voltage output (0-10V)
14
V
Limitation of voltage output (0-5V)
7
V
Overloaded input current
no limitation
Accuracy-Dynamic performance data
X
Accuracy @ I
PN, TA = 25°C (without offset)
< ±1
% of I
PN
ε
L
Linearity (0 .. ± I
PN)
< ±0.5 % of I
PN
V
OE
Electrical offset voltage, T
A = 25°C
< ±0.5 % of I
PN
V
OT
Thermal drift of V
OE
±1
mV/K
TC
ε
G
Thermal drift of the gain (% of reading)
±0.1
%/K
t
r
Response time @ 90% of I
P
< 150
m s
f
Frequency bandwidth (±1%)
30 .. 2000
Hz
General data
T
A
Ambient operating temperature
-20 .. +60
°C
T
S
Ambient storage temperature
-20 .. +85
°C
m
Mass
90
g
Protection type
IP20
dCp
Creepage distance
5.5
mm
dCl
Clearance distance
5.5
mm
CTI
Comparative tracking index (Group I)
600
V
UL94 classification
V0
Insulation category
V
b
Rated Voltage
300
V
with IEC 61010-1 standards and following conditions :
- Single insulation
- Over voltage category CAT III
- Pollution degree PD2
- None uniform field
V
d
R.m.s. voltage for AC insulation test, 50Hz, 1mn
5
kV
V
e
R.m.s. voltage for partial discharge extinction @ 10pC 1.5
kV
V
w
Peak impulse withstand voltage 1.2/50
µs
6.1
kV
If insulated cable is used for the primary circuit, the voltage category
could be improved with the following table :
Cable insulation (primary)
Category
HAR 05
600V CAT III
HAR 07
1000V CAT III
Notes : Installation and maintenance should be done with power supply disconnected.
The operator must have accrediation to install this material.
The users must take care of all protection gurantee against electrical shock.
.
AC Current transducer AP-B10
Split core transducer for the electronic measurement AC waveforms
current, with galvanic isolation between the primary (High power) and
the secondary circuits (Electronic circuit). Switch selectable ranges
and RMS 0-5V and 0-10V switch selectable voltage output.
I
PN = 10 .. 400 A
041029/3
Features
• RMS output
• Split core type
• 5V & 10V switch selectable voltage
output
• DIN mounting & Panel mounting
• Eliminates insertion loss
• Switch selectable ranges
Advantages
• Large aperture for cable up to
Ø18mm
• High isolation between primary and
secondary circuits
• Easy to mount
Applications
• Automation systems
Analog current reading for remote
monitoring (e.g. motor) and
software alarms.
• Panelmeters
Simple connection displays power
consumption.
LEM Components
www.lem.com


Similar Part No. - AP100B10

ManufacturerPart #DatasheetDescription
logo
LEM
AP100-B10 LEM-AP100-B10 Datasheet
56Kb / 2P
AC Current transducer AP-B10
AP100-B420L LEM-AP100-B420L Datasheet
56Kb / 2P
AC Current transducer AP-B420L
logo
Clarke International
AP1000 CLARKE-AP1000 Datasheet
871Kb / 2P
ARBOR PRESS
GC0122-rev2
logo
Advanced Semiconductor
AP1000A ASI-AP1000A Datasheet
13Kb / 1P
SILICON PIN DIODE
REV. A
AP1000B-00 ASI-AP1000B-00 Datasheet
14Kb / 1P
SILICON PIN DIODE CHIP
More results

Similar Description - AP100B10

ManufacturerPart #DatasheetDescription
logo
LEM
AK-B420L LEM-AK-B420L Datasheet
236Kb / 2P
AC Current transducer
AK-B- LEM-AK-B- Datasheet
202Kb / 2P
AC Current transducer
AK-C420L LEM-AK-C420L Datasheet
149Kb / 2P
AC Current transducer
AK-C- LEM-AK-C- Datasheet
92Kb / 2P
AC Current transducer
AKR-B420L LEM-AKR-B420L Datasheet
223Kb / 2P
AC Current transducer
AKR-C420L LEM-AKR-C420L Datasheet
127Kb / 2P
AC Current transducer
APR-B420L LEM-APR-B420L_07 Datasheet
898Kb / 3P
AC Current transducer
APR-B10 LEM-APR-B10_08 Datasheet
1Mb / 4P
AC Current transducer
AT-B5 LEM-AT-B5 Datasheet
765Kb / 3P
AC Current transducer
AT-B420L LEM-AT-B420L Datasheet
646Kb / 3P
AC Current transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com