Electronic Components Datasheet Search
  English  ▼

X  

INA780BIDEKR Datasheet(PDF) 29 Page - Texas Instruments

Part # INA780BIDEKR
Description  INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA780BIDEKR Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA780BIDEKR Datasheet HTML 25Page - Texas Instruments INA780BIDEKR Datasheet HTML 26Page - Texas Instruments INA780BIDEKR Datasheet HTML 27Page - Texas Instruments INA780BIDEKR Datasheet HTML 28Page - Texas Instruments INA780BIDEKR Datasheet HTML 29Page - Texas Instruments INA780BIDEKR Datasheet HTML 30Page - Texas Instruments INA780BIDEKR Datasheet HTML 31Page - Texas Instruments INA780BIDEKR Datasheet HTML 32Page - Texas Instruments INA780BIDEKR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
Figure 7-4 shows a slightly longer worst case alert response because the alert threshold is within the noise band
of the device measurement and signal.
Minimum Delay: 41 µs
TIME (50µs / div)
Fault Threshold: 10 A
Maximum Delay: 225 µs
Over Current Level: 28 A
Figure 7-3. Alert Response Time (Sampled Values
Significantly Above Threshold)
Minimum Delay: 46 µs
TIME (50µs / div)
Fault Threshold: 27.5 A
Maximum Delay: 281 µs
Over Current Level: 28 A
Figure 7-4. Alert Response Time (Sampled Values
Slightly Above Threshold)
7.3 Power Supply Recommendations
The input circuitry of the device can accurately measure signals on common-mode voltages beyond the power-
supply voltage, VS. For example, the voltage applied to the VS power supply terminal can be 5 V, whereas the
load power-supply voltage being monitored (the common-mode voltage) can be as high as 85 V. Note that the
device can also withstand the full 0 V to 85 V range at the input terminals, regardless of whether the device has
power applied or not. Avoid applications where the GND pin is disconnected while device is actively powered.
7.4 Layout
7.4.1 Layout Guidelines
Place the required power-supply bypass capacitors as close as possible to the supply and ground terminals of
the device. A typical value for this supply bypass capacitor is 0.1 µF. Applications with noisy or high-impedance
power supplies may require additional decoupling capacitors to reject power-supply noise.
www.ti.com
INA780A, INA780B
SBOSAB6A – JULY 2023 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: INA780A INA780B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com