Electronic Components Datasheet Search
  English  ▼

X  

1622608 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1622608
Description  PV-FT-CF-C-4-400-BU - Device connector front mounting
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1622608 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1622608 Datasheet HTML 1Page - PHOENIX CONTACT 1622608 Datasheet HTML 2Page - PHOENIX CONTACT 1622608 Datasheet HTML 3Page - PHOENIX CONTACT 1622608 Datasheet HTML 4Page - PHOENIX CONTACT 1622608 Datasheet HTML 5Page - PHOENIX CONTACT 1622608 Datasheet HTML 6Page - PHOENIX CONTACT 1622608 Datasheet HTML 7Page - PHOENIX CONTACT 1622608 Datasheet HTML 8Page - PHOENIX CONTACT 1622608 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
• Observe the minimum bending radius of the cable. Lay the
cable without twisting it.
Product properties
Product type
Panel feed-through
Product family
SUNCLIX
Insulation characteristics
Protection class
II
Degree of pollution
2
Connection data
Conductor connection
Tightening torque
1.8 Nm ±0.1 Nm
Dimensions
Dimensional drawing
Width
18.6 mm
Height
18.6 mm
Length
41.5 mm
Electrical properties
Rated voltage (III/2)
1000 V
Rated surge voltage (III/2)
12 kV
Rated current (4.0 mm²)
35 A
Contact resistance
0.45 mΩ
Mechanical properties
Mechanical data
Insertion force
45 N ±10 N
Withdrawal force
250 N ±50 N
Material specifications
Color
black
Color of the housing part
black
Flammability rating according to UL 94
V0
Insulating material group
III
Seal material
EPDM
Insulating material
mPPE
Contact surface
Silver Ag
PV-FT-CF-C-4-400-BU - Device connector front
mounting
1622608
https://www.phoenixcontact.com/us/products/1622608
Jan 16, 2024, 4:30 AM
Page 3 (10)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com