Electronic Components Datasheet Search
  English  ▼

X  

1622608 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1622608
Description  PV-FT-CF-C-4-400-BU - Device connector front mounting
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1622608 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1622608 Datasheet HTML 1Page - PHOENIX CONTACT 1622608 Datasheet HTML 2Page - PHOENIX CONTACT 1622608 Datasheet HTML 3Page - PHOENIX CONTACT 1622608 Datasheet HTML 4Page - PHOENIX CONTACT 1622608 Datasheet HTML 5Page - PHOENIX CONTACT 1622608 Datasheet HTML 6Page - PHOENIX CONTACT 1622608 Datasheet HTML 7Page - PHOENIX CONTACT 1622608 Datasheet HTML 8Page - PHOENIX CONTACT 1622608 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Cable seal material
Elastosil LR 3065/50
Contact material
Cu
Contact surface material
Ag
Contact carrier material
PPE
O-ring material
Silopren LSR 2660
Housing material
PPE
Outer sheath, material
PE-X
Cable/line
Cable length
400 m
Cable type
S02
Structure of individual litz in acc. with VDE 0295 / smallest wire
diameter
56x0.3
External cable diameter
4.6 mm ±0.15 mm
Outer sheath, material
PE-X
External sheath, color
blue
Single wire, cross section
4 mm²
Cable pull-out force
> 80 N
Mounting
Connection method
Crimp
Environmental and real-life conditions
Ambient conditions
Degree of protection (when plugged in)
IP66 / IP68 (2 m / 24 h)
Degree of protection (not plugged in)
IP65
Ambient temperature (operation)
-40 °C ... 85 °C
Ambient temperature (assembly)
-25 °C ... 50 °C
PV-FT-CF-C-4-400-BU - Device connector front
mounting
1622608
https://www.phoenixcontact.com/us/products/1622608
Jan 16, 2024, 4:30 AM
Page 4 (10)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com