Electronic Components Datasheet Search
  English  ▼

X  

B7732 Datasheet(PDF) 2 Page - EPCOS

Part # B7732
Description  Low-Loss Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7732 Datasheet(HTML) 2 Page - EPCOS

  B7732 Datasheet HTML 1Page - EPCOS B7732 Datasheet HTML 2Page - EPCOS B7732 Datasheet HTML 3Page - EPCOS B7732 Datasheet HTML 4Page - EPCOS B7732 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Jan 19, 2005
SAW Components
B7732
1575,42 MHz
Low-Loss Filter
Data Sheet
Chip sized SAW package DCS4H
0,7
2,5
12
4
3
0,1
side view
top view
bottom view
Features
q
Low-loss RF filter for iDEN GPS receivers
q
Low amplitude ripple
q
Low insertion attenuation
q
Usable passband 2MHz
q
No matching network required for operation at
50
Ω
q
Package for Surface Mounted
Technology (SMT)
q
Pb-free
Terminals
q
Ni, gold-plated
Pin configuration
1
Input
3
Output
2,4
Ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B7732
B39162-B7732-K710
C61157-A7-A136
F61074-V8189-Z000
Maximum ratings
Operable temperature range
T
– 40 / + 85
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
5V
ESD voltage
V*ESD
50*
V
Machine Model, 10 pulses
Input power max.
1574,3 ... 1576,7 MHz
50,0...1535,5 and
1625,5 ... 6000 MHz
PIN
PIN
3
15
dBm
dBm
source and load impedance 50
Ω
continuous wave signal
2
3
1
4
Dimensions in mm, approx. weight 0,015g
* - acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulses



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com