Electronic Components Datasheet Search
  English  ▼

X  

B7732 Datasheet(PDF) 3 Page - EPCOS

Part # B7732
Description  Low-Loss Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7732 Datasheet(HTML) 3 Page - EPCOS

  B7732 Datasheet HTML 1Page - EPCOS B7732 Datasheet HTML 2Page - EPCOS B7732 Datasheet HTML 3Page - EPCOS B7732 Datasheet HTML 4Page - EPCOS B7732 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Jan 19, 2005
SAW Components
B7732
1575,42 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= -40 ... +85 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Nominal frequency
fN
—
1575,42
—
MHz
Maximum insertion attenuation
α
max
1574,42 ...1576,42 MHz
—
2,5
3,5
dB
Amplitude ripple (p-p)
∆α
1574,42 ...1576,42 MHz
—
0,1
1,5
dB
Return loss (Input and Output)
1575,42 ...1576,42 MHz
12,0
18,0
—
dB
Absolute attenuation
α
abs
806,00 ... 902,00 MHz
40
49
—
dB
902,00 ...1475,42 MHz
35
47
—
dB
1475,42 ...1535,42 MHz
30
44
—
dB
1612,00 ...1675,42 MHz
32
41
—
dB
1675,42 ...1792,00 MHz
35
45
—
dB
1792,00 ...1804,00 MHz
42
45
—
dB
1804,00 ...3500,00 MHz
35
40
—
dB
3500,00 ...4000,00 MHz
20
32
—
dB
Temperature coefficient of frequency
TCf
—
– 36
—
ppm/K



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com