Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT244 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT244
Description  SNx4ACT244 Octal Buffers and Drivers With 3-State Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT244 Datasheet(HTML) 3 Page - Texas Instruments

  SN74ACT244 Datasheet HTML 1Page - Texas Instruments SN74ACT244 Datasheet HTML 2Page - Texas Instruments SN74ACT244 Datasheet HTML 3Page - Texas Instruments SN74ACT244 Datasheet HTML 4Page - Texas Instruments SN74ACT244 Datasheet HTML 5Page - Texas Instruments SN74ACT244 Datasheet HTML 6Page - Texas Instruments SN74ACT244 Datasheet HTML 7Page - Texas Instruments SN74ACT244 Datasheet HTML 8Page - Texas Instruments SN74ACT244 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
4 Pin Configuration and Functions
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
Figure 4-1. SN54ACT244: J or W Packages, 20-Pin
CDIP or CFP (Top View)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
Figure 4-2. SN74ACT244: DGS, DB, DW, N, NS, or
PW Packages, 20-Pin VSSOP SSOP, SOIC, PDIP,
SO, or TSSOP (Top View)
3
2
1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y1
2A4
1Y2
2A3
1Y3
1A2
2Y3
1A3
2Y2
1A4
Figure 4-3. SN54ACT244: FK Package 20-Pin LCCC
(Top View)
1A1
2Y4
1A2
2Y3
1A3
2Y2
GND
2OE
1Y1
2A4
1Y2
2A3
2A1
1Y3
1OE
V
CC
2
3
4
5
6
7
10
19
18
17
16
15
14
11
1
20
1A4
2Y1
2A2
1Y4
9
13
12
8
PAD
Figure 4-4. SN74ACT244: RKS Packages, 20-Pin
VQFN (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
1 OE
I
1 Active low Output enable
2
1A1
I
1A1 input
3
2Y4
O
2Y4 output
4
1A2
I
1A2 input
5
2Y3
O
2Y3 Output
6
1A3
I
1A3 input
7
2Y2
O
2Y2 Output
8
1A4
I
1A4 input
9
2Y1
O
2Y1 Output
10
GND
—
Ground
11
2A1
I
2A1 input
12
1Y4
O
1Y4 output
13
2A2
I
2A2 input
14
1Y3
O
1Y3 Output
15
2A3
I
2A3 input
16
1Y2
O
1Y2 Output
17
2A4
I
2A4 input
18
1Y1
O
1Y1 Output
19
2 OE
I
2 Active low Output enable
20
VCC
—
Power
(1)
I = input, O = output
www.ti.com
SN54ACT244, SN74ACT244
SCAS517F – JUNE 1995 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN54ACT244 SN74ACT244



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com