Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT244 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT244
Description  SNx4ACT244 Octal Buffers and Drivers With 3-State Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT244 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT244 Datasheet HTML 1Page - Texas Instruments SN74ACT244 Datasheet HTML 2Page - Texas Instruments SN74ACT244 Datasheet HTML 3Page - Texas Instruments SN74ACT244 Datasheet HTML 4Page - Texas Instruments SN74ACT244 Datasheet HTML 5Page - Texas Instruments SN74ACT244 Datasheet HTML 6Page - Texas Instruments SN74ACT244 Datasheet HTML 7Page - Texas Instruments SN74ACT244 Datasheet HTML 8Page - Texas Instruments SN74ACT244 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
SNx4ACT244 Octal Buffers and Drivers With 3-State Outputs
1 Features
• 4.5-V to 5.5-V VCC operation
• Inputs accept voltages to 5.5 V
• Maximum tpd of 9.5 ns at 5 V
• Inputs are TTL compatible
• On products compliant to MIL-PRF-38535,
all parameters are tested unless otherwise noted.
On all other products, production processing does
not necessarily include testing of all parameters.
2 Applications
• LED displays
• Servers and telecommunication
• Switching networks
3 Description
These SNx4ACT244 octal buffers and drivers are
designed specifically to improve the performance and
density of 3-state memory address drivers, clock
drivers, and bus-oriented receivers and transmitters.
The SNx4ACT244 devices are organized as two 4-
bit buffers and drivers with separate output-enable
(OE) inputs. When OE is low, the device passes non-
inverted data from the A inputs to the Y outputs.
When OE is high, the outputs are in the high-
impedance state.
Device Information
PART NUMBER
RATING
PACKAGE(1)
SN74ACT244
Catalog
DGS (VSSOP, 20)
DB (SSOP, 20)
DW (SOIC, 20)
N (PDIP, 20)
NS (SO, 20)
PW (TSSOP, 20)
RKS (VQFN, 20)
SN54ACT244
Military
J (CDIP, 20)
W (CFP, 20)
FK (LCCC, 20)
(1)
For more information, see Section 11.
Logic Diagram (Positive Logic)
SN54ACT244, SN74ACT244
SCAS517F – JUNE 1995 – REVISED NOVEMBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74ACT244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT244 TI-SN74ACT244 Datasheet
82Kb / 5P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ACT244 TI-SN74ACT244 Datasheet
699Kb / 17P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ACT244 TI1-SN74ACT244 Datasheet
1Mb / 22P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ACT244 TI1-SN74ACT244 Datasheet
2Mb / 38P
SNx4ACT244 Octal Buffers and Drivers With 3-State Outputs
REVISED JULY 2023
SN74ACT244 TI1-SN74ACT244 Datasheet
1Mb / 22P
SN74ACT244-Q1 Automotive Octal Buffer/Driver with 3-State Outputs
REVISED JULY 2023
More results

Similar Description - SN74ACT244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS1244A TI-SN54ALS1244A Datasheet
358Kb / 11P
OCTAL BUFFERS AND DRIVERS WITH 3-STATE OUTPUTS
SNJ54HC240 TI-SNJ54HC240 Datasheet
491Kb / 15P
OCTAL BUFFERS AND DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244 TI-SN74AHCT244_03 Datasheet
379Kb / 15P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV540A TI-SN74LV540A_07 Datasheet
487Kb / 19P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54AHCT240 TI-SN54AHCT240_08 Datasheet
1Mb / 28P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT244 TI1-SN54ACT244_V01 Datasheet
2Mb / 38P
SNx4ACT244 Octal Buffers and Drivers With 3-State Outputs
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com