Electronic Components Datasheet Search
  English  ▼

X  

PCE-320 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-320
Description  Air Humidity Meter PCE-320 Wet bulb globe temperature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-320 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-320 Datasheet HTML 1Page - PCE Instruments. PCE-320 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCE Instruments UK Ltd.
United Kingdom, SO31 4RF
PCE Americas Inc.
USA, Jupiter, 33458 FL
Phone: +44 023 8098 7030
info@industrial-needs.com
Phone: +1 (561) 320-9162
info@pce-americas.com
Subject to change
Response time
< 4 s
Humidity sensor type
Resistance sensor
Software
From Windows 98
Memory
Maximum and minimum value
External temperature sensor
1 m / (3.3 ft) long hot wire sensor and
many other available to order
Display
Multiple LCD for diplaying a variety of
different readings
Power
9V battery
Operating conditions
-20 ... 60°C / -4 ... 140°F
Dimensions
257 x 76 x 53 mm / 10.1 x 2.9 x 2 in
Weight
355 g / < 1 lb



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com