Electronic Components Datasheet Search
  English  ▼

X  

PCE-320 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-320
Description  Air Humidity Meter PCE-320 Wet bulb globe temperature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-320 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-320 Datasheet HTML 1Page - PCE Instruments. PCE-320 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.pce-instruments.com
General Features PCE-320
Internal probe
Temperature
-20º... 60°C / -4 ... 140°F
Relative humidity
10 ... 90% H.r.
Temperature of global
-21.6 ... 60°C / -6.8 ... 140°F
Humidity
-68 ... 60°C / -90.4 ... 140°F
Dew point temperature
depending on the sensor
External
Temperature
-50 ... 500°C / -58 ... 932°F
Infrared
Temperature resolution
0.1°C / 0.18°F
Relative humidity resolution
0.1%
Accuracy (Internal)
Temperature
± 1.0°C / 1.8°F
Relative humidity
± 3%
Wet bulb temperature
± 1.0°C / 1.8°F
Dew point temperature
± 1.0°C / 1.8°F
Accuracy (External)
Temperature
± 1% ± 1.0° C / 1.8°F
Infrared
-50 ... -20ºC / -58 ... -4ºF
± 5.0°C / 9°F
-20 ... 500ºC / -4 ... 932ºF
± 2.0°C / 33.6°F o ± 2%
Air Humidity Meter PCE-320
Wet bulb globe temperature
PCE-320
With the PCE-320 Climate Meter it is possible to measure climate conditions such as temperature and relative humidity, as well as determining surface tempe-
rature of objects simultaneously by using the included external temperature sensor or using an infrared measurement. The Climate Meter offers features such
as average value, maximum, minimum, and hold functions. The Climate Meter provides additional information relating to dew point temperature and the global
humidity temperature. Measurement values can be directly seen on the device‘s LCD display, and maximum and minimum values can be registered or transferred
to a PC or portable computer for further analysis.
The Climate Meter helps prevent damage to products, such as allowing for the elimination of fungus in food when being stored and during transportation. The
PCE-320 Climate Meter is also very useful in the construction industry, industrial sector, or in product development. Customers frequently complain about not
having a tool available that can measure ambient conditions and surface temperature of a wall both inside and outside. The device can be sent away to be
calibrated by an accredited DIN ISO laboratory. We offer the possibility of ISO calibration from factory (when the device is ordered or as an annual recalibration).
► Backlit LCD
► Measures ambient humidity and temperature using an internal sensor
► Measures surface temperature using an optional external sensor
► Infrared measurement of a material temperature
► Display shows temperature and humidity simultaneously
► Determines dew point and global humidity temperature
► Average value, Maximum, Minimum and Hold functions
► Auto shut-off to protect battery life
► Software for data transmission included


Similar Part No. - PCE-320

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-322-SC43 PCE-PCE-322-SC43 Datasheet
357Kb / 3P
Decibel Meter with Calibrator PCE-322-SC43
PCE-322A PCE-PCE-322A Datasheet
254Kb / 2P
Technical Data Logger PCE-322A
PCE-323 PCE-PCE-323 Datasheet
637Kb / 2P
Decibel Meter PCE-323
PCE-323-ICA PCE-PCE-323-ICA Datasheet
785Kb / 2P
Decibel Meter PCE-323-ICA incl. ISO Calibration Certificate
More results

Similar Description - PCE-320

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
42270 EXTECH-42270 Datasheet
92Kb / 1P
Temperature & Humidity Datalogger
44533 EXTECH-44533 Datasheet
92Kb / 1P
Humidity / Temperature Clock
45170 EXTECH-45170 Datasheet
106Kb / 6P
4-in-1 Humidity, Temperature Airflow and Light Meter
MO290 EXTECH-MO290 Datasheet
187Kb / 8P
Pinless Moisture/Humidity Meter IR
SDL550 EXTECH-SDL550 Datasheet
171Kb / 1P
Humidity Content Meter/Datalogger
HW30 EXTECH-HW30_15 Datasheet
324Kb / 1P
Humidity/Temperature HeatWatch
logo
PCE Instruments.
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
logo
Vaisala
HM40 VAISALA-HM40 Datasheet
1Mb / 4P
HUMICAPâ Handheld Humidity and Temperature Meter Series
HM70 VAISALA-HM70 Datasheet
769Kb / 3P
Handheld Humidity and Temperature Meter
logo
E+E Elektronik Ges.m.b....
HUMLOG20 EPLUSE-HUMLOG20 Datasheet
1Mb / 5P
Data Logger for Humidity, Temperature, Air Pressure and CO2
v2.7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com