Electronic Components Datasheet Search
  English  ▼

X  

Q47 Datasheet(PDF) 1 Page - Zemic Europe B.V.

Part # Q47
Description  Type Q47 Miniature Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZEMIC [Zemic Europe B.V.]
Direct Link  https://www.zemiceurope.com/en
Logo ZEMIC - Zemic Europe B.V.

Q47 Datasheet(HTML) 1 Page - Zemic Europe B.V.

  Q47 Datasheet HTML 1Page - Zemic Europe B.V. Q47 Datasheet HTML 2Page - Zemic Europe B.V. Q47 Datasheet HTML 3Page - Zemic Europe B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type Q47 Miniature Sensor
Specifications and dimensions are subject to change without notice and do not constitute any liability whatsoever.
Zemic Europe B.V.
T: +31 76 50 39480
Nr. 2023.11 Q47 Rev2
info@zemic.nl
Page 1/3
www.zemiceurope.com
Short Description
•
Aluminium bending miniature sensor
•
High accuracy
•
Used for small kitchen scales
Available Models
Capacity
Accuracy
Full Article Description
300g
0.05%
Q47-20*6.6-300g
500g
0.05%
Q47-20*6.6-500g
1000g
0.05%
Q47-20*6.6-1000g


Similar Part No. - Q47

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
Q4728349 ASSMANN-Q4728349 Datasheet
52Kb / 1P
Kink protection boot
Q4739125 ASSMANN-Q4739125 Datasheet
145Kb / 1P
Hoods USB-Assembly, Type A, Male, Black
Q4749134 ASSMANN-Q4749134 Datasheet
67Kb / 1P
USB, Type A, Assembly-Type, VERSION 2.0
More results

Similar Description - Q47

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
XV-8000CB EPSONTOYOCOM-XV-8000CB Datasheet
331Kb / 2P
SENSOR ULTRA MINIATURE SIZE GYRO SENSOR
logo
PIC GmbH
MS-213-3 PIC-MS-213-3 Datasheet
22Kb / 1P
Miniature Reed Sensor
MS-214-3 PIC-MS-214-3 Datasheet
47Kb / 1P
Miniature Reed Sensor
PLS-031A-3 PIC-PLS-031A-3 Datasheet
32Kb / 2P
Miniature Level Sensor
PLS-031B-3 PIC-PLS-031B-3 Datasheet
32Kb / 2P
Miniature Level Sensor
logo
DB Lectro Inc
MS-213-3 DBLECTRO-MS-213-3 Datasheet
22Kb / 1P
Miniature Reed Sensor
MS-214-3 DBLECTRO-MS-214-3 Datasheet
47Kb / 1P
Miniature Reed Sensor
logo
PIC GmbH
MS-213-3 PIC-MS-213-3_15 Datasheet
182Kb / 2P
Miniature Reed Sensor
logo
celduc-relais
PAB10020 CELDUC-PAB10020 Datasheet
294Kb / 2P
MINIATURE STANDARD PROXIMITY SENSOR
logo
List of Unclassifed Man...
AM312 ETC2-AM312 Datasheet
137Kb / 1P
MINIATURE PIR SENSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com