Electronic Components Datasheet Search
  English  ▼

X  

Q47 Datasheet(PDF) 2 Page - Zemic Europe B.V.

Part # Q47
Description  Type Q47 Miniature Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZEMIC [Zemic Europe B.V.]
Direct Link  https://www.zemiceurope.com/en
Logo ZEMIC - Zemic Europe B.V.

Q47 Datasheet(HTML) 2 Page - Zemic Europe B.V.

  Q47 Datasheet HTML 1Page - Zemic Europe B.V. Q47 Datasheet HTML 2Page - Zemic Europe B.V. Q47 Datasheet HTML 3Page - Zemic Europe B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type Q47 Miniature Sensor
Specifications and dimensions are subject to change without notice and do not constitute any liability whatsoever.
Zemic Europe B.V.
T: +31 76 50 39480
Nr. 2023.11 Q47 Rev2
info@zemic.nl
Page 2/3
www.zemiceurope.com
Technical Specifications Q47
Accuracy Class
0.05%
Output Sensitivity ( = FS )
mV/V
0.9 ± 0.18
Maximum Capacity ( Emax )
g
300, 500, 1000
Combined Error
%FS
≤± 0.05
Creep Error (3 minutes)
%FS
≤± 0.05
Non-Linearity
%FS
±0.05
Repeatability
%FS
±0.05
Hysteresis
%FS
±0.05
Temperature Effect on Zero (ZTC)
%FS/10°C
≤± 2.0
Temperature Effect on Sensitivity (STC)
%FS/10°C
≤± 0.05
Zero Balance
mV/V
≤± 0.5
Safe Overload
%FS
120
Ultimate Overload
%FS
150
Maximum Deflection
mm
0.10 ~ 0.15
Excitation, Recommended Voltage
V
2 ~ 5
Excitation, Maximum Voltage
V
6
Input Resistance
Ω
1055 ± 10
Output Resistance
Ω
1000 ± 10
Insulation Resistance (50V)
MΩ
≥2000
Operating Temperature
°C
-10 ~ + 40
Storage Temperature
°C
-20 ~ + 65
Sensor Weight
g
20
Element Material
Aluminium
Ingress Protection (acc. to EN 60529)
IP65
Recommended Torque on Fixation Bolts
Nm
M3: 1.4
Wiring
Features:
Cable type:
4-conductor dispersion cable , conductor AWG 32
Cable diameter: Ø 0.8mm (per conductor)
Cable length:
L = 0.09m ± 0.01m
Cable jacket:
PVC
4-Wire Connection Diagram
Input(+)
Output(-)
Input (-)
Output(+)
Red
White
Yellow
Blue



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com