Electronic Components Datasheet Search
  English  ▼

X  

PCE-PTH10 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-PTH10
Description  Climate Meter PCE-PTH 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PTH10 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-PTH10 Datasheet HTML 1Page - PCE Instruments. PCE-PTH10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range
temperature  
-10 ... 50 °C / 14 ... 122 °F
Resolution
0.1 °C
Accuracy
±1.0 °C
 
 
Measuring range humidity
20 ... 90 % RH
Resolution
1 %
Accuracy
±15 %
 
 
Units
°C, °F
Functions
normal measuring mode, MIN / MAX
Measuring rate
a value every 10 seconds
Display
LC display
Power supply
1.5 V, LR44 batteries
Power consumption
<10 µA
Operating conditions
-10 ... 50 °C / 14 ... 122 °F, <90 % RH non
condensing
Storage conditions
-10 ... 60 °C, <90 % RH non condensing
Dimensions
138 x 27 x 19 mm / 5.4 x 1.0 x 0.7"
Weight
40 g / 1.4 oz
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com