Electronic Components Datasheet Search
  English  ▼

X  

PCE-PTH10 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-PTH10
Description  Climate Meter PCE-PTH 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PTH10 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-PTH10 Datasheet HTML 1Page - PCE Instruments. PCE-PTH10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Climate Meter PCE-PTH 10
Climate meter with a measuring range of -10 ... 50 °C / Units can be selected / MIN, MAX /
Long battery life / LC display / Small and compact design
The climate meter is a measuring device for orienting measurement of temperature and relative humidity. With a temperature measuring range
of -10 ... 50 °C and a humidity measuring range of 20 ... 90% RH the thermo-hygrometer covers a wide range of tasks. The thermo-hygrometer
is used, for example, to monitor climatic conditions at workplaces, in cold stores or in the environment.
In addition to the normal measuring mode, the climate meter has a MIN / MAX function. This means that the thermo-hygrometer can
continuously display the largest or smallest measured value. The low power consumption of <10 µA guarantees a long battery life.
Small and compact design
Measuring range -10 ... 50 °C / 14 ... 122 °F
Various measurement functions
Temperature and humidity sensor
Low power consumption
Selectable units


Similar Part No. - PCE-PTH10

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-PTS1N PCE-PCE-PTS1N Datasheet
510Kb / 2P
Pallet Beams PCE-PTS 1N
More results

Similar Description - PCE-PTH10

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
MDIN03K YAMAICHI-MDIN03K Datasheet
56Kb / 1P
180째 PTH Socket
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
SparkFun Electronics
PRT-08619 SPARKFUN-PRT-08619 Datasheet
213Kb / 1P
ProtoBoard - Wombat (PTH)
3/24/2017
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
PCE-PQC PCE-PCE-PQC Datasheet
340Kb / 2P
Particle Counter PCE-PQC 10US Incl. Calibration
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com