Electronic Components Datasheet Search
  English  ▼

X  

PCA3353C Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA3353C
Description  8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA3353C Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA3353C Datasheet HTML 5Page - NXP Semiconductors PCA3353C Datasheet HTML 6Page - NXP Semiconductors PCA3353C Datasheet HTML 7Page - NXP Semiconductors PCA3353C Datasheet HTML 8Page - NXP Semiconductors PCA3353C Datasheet HTML 9Page - NXP Semiconductors PCA3353C Datasheet HTML 10Page - NXP Semiconductors PCA3353C Datasheet HTML 11Page - NXP Semiconductors PCA3353C Datasheet HTML 12Page - NXP Semiconductors PCA3353C Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
1999 Oct 28
9
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator
and 128 bytes EEPROM
PCA3351C; 52C; 53C;
PCD3351A; 52A; 53A
Fig.4 Block diagram of the frequency generator and melody output (P1.7/MDY) section.
handbook, full pagewidth
MLC416
HGF REGISTER
MELODY CONTROL
REGISTER
LGF REGISTER
INTERNAL BUS
8
8
8
8
SWITCHED
CAPACITOR
BANDGAP
VOLTAGE
REFERENCE
DIGITAL
SINE WAVE
SYNTHESIZER
DIGITAL
SINE WAVE
SYNTHESIZER
SWITCHED
CAPACITOR
LOW-PASS
FILTER
DAC
DAC
RC LOW-PASS
FILTER
TONE
PORT/MELODY
OUTPUT LOGIC
P1.7/
MDY
square wave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com