Electronic Components Datasheet Search
  English  ▼

X  

PCA3353C Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA3353C
Description  8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA3353C Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA3353C Datasheet HTML 1Page - NXP Semiconductors PCA3353C Datasheet HTML 2Page - NXP Semiconductors PCA3353C Datasheet HTML 3Page - NXP Semiconductors PCA3353C Datasheet HTML 4Page - NXP Semiconductors PCA3353C Datasheet HTML 5Page - NXP Semiconductors PCA3353C Datasheet HTML 6Page - NXP Semiconductors PCA3353C Datasheet HTML 7Page - NXP Semiconductors PCA3353C Datasheet HTML 8Page - NXP Semiconductors PCA3353C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
1999 Oct 28
2
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator
and 128 bytes EEPROM
PCA3351C; 52C; 53C;
PCD3351A; 52A; 53A
CONTENTS
1
FEATURES
2
GENERAL DESCRIPTION
3
ORDERING INFORMATION
4
BLOCK DIAGRAM
5
PINNING INFORMATION
5.1
Pinning
5.2
Pin description
6
FREQUENCY GENERATOR
6.1
Frequency generator derivative registers
6.2
Melody output (P1.7/MDY)
6.3
Frequency registers
6.4
DTMF frequencies
6.5
Modem frequencies
6.6
Musical scale frequencies
7
EEPROM AND TIMER 2 ORGANIZATION
7.1
EEPROM registers
7.2
EEPROM latches
7.3
EEPROM flags
7.4
EEPROM macros
7.5
EEPROM access
7.6
Timer 2
8
DERIVATIVE INTERRUPTS
9
TIMING
10
RESET
11
IDLE MODE
12
STOP MODE
13
INSTRUCTION SET RESTRICTIONS
14
OVERVIEW OF PORT AND
POWER-ON-RESET CONFIGURATIONS
15
SUMMARY OF DERIVATIVE REGISTERS
16
HANDLING
17
LIMITING VALUES
18
DC CHARACTERISTICS
19
AC CHARACTERISTICS
20
PACKAGE OUTLINES
21
SOLDERING
21.1
Reflow soldering
21.2
Wave soldering
21.3
DIP
21.4
Repairing soldered joints
22
DEFINITIONS
23
LIFE SUPPORT APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com