Electronic Components Datasheet Search
  English  ▼

X  

PCA5010H Datasheet(PDF) 97 Page - NXP Semiconductors

Part # PCA5010H
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010H Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button PCA5010H Datasheet HTML 93Page - NXP Semiconductors PCA5010H Datasheet HTML 94Page - NXP Semiconductors PCA5010H Datasheet HTML 95Page - NXP Semiconductors PCA5010H Datasheet HTML 96Page - NXP Semiconductors PCA5010H Datasheet HTML 97Page - NXP Semiconductors PCA5010H Datasheet HTML 98Page - NXP Semiconductors PCA5010H Datasheet HTML 99Page - NXP Semiconductors PCA5010H Datasheet HTML 100Page - NXP Semiconductors PCA5010H Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 112 page
background image
1998 Nov 02
97
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
15 APPENDIX 2: THE PARALLEL PROGRAMMING
MODE
15.1
Introduction
This document describes the parallel programming mode
of the PCA5010. Parallel programming mode is the mode
where the OTP is programmed by an EPROM
programmer or by a tester.
15.2
General description
The PCA5010 is packaged in a LQFP48 package. Port 0
and Port 2 are available for programming. To program the
OTP of the PCA5010, multiplexing of addresses and data
is necessary. Port 0 is a bidirectional data port, used for
the memory addresses and the program and verify data.
Port 2 is an input port which controls the parallel
programming mode. A coarse block diagram of the OTP
interface in parallel programming mode is given in Fig.67.
Fig.67 The OTP interface in parallel programming mode.
handbook, full pagewidth
MGR163
TEST
CONTROL
ADDL
LATCH
ADDH
LATCH
CONTROL
LOGIC
P0
P2
OTP INTERFACE
parallel programming mode
normal
mode
CTRL
ADDR
DO
(80C51)
CONTROL
DO
DI
ADD
(OTP)
OTPIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com