Electronic Components Datasheet Search
  English  ▼

X  

PCA5010H Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCA5010H
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010H Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCA5010H Datasheet HTML 35Page - NXP Semiconductors PCA5010H Datasheet HTML 36Page - NXP Semiconductors PCA5010H Datasheet HTML 37Page - NXP Semiconductors PCA5010H Datasheet HTML 38Page - NXP Semiconductors PCA5010H Datasheet HTML 39Page - NXP Semiconductors PCA5010H Datasheet HTML 40Page - NXP Semiconductors PCA5010H Datasheet HTML 41Page - NXP Semiconductors PCA5010H Datasheet HTML 42Page - NXP Semiconductors PCA5010H Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
1998 Nov 02
39
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
6.14
Wake-up counter
6.14.1
FUNCTION
The wake-up counter is intended to be used as protocol
timer. It can be programmed to wake-up the processor
when the protocol needs an action. Amongst others this
may be:
• Switching on the DC/DC converter at time 0
• Enabling the receiver at time 1
• Enabling the demodulator and clock recovery function
at time 2 before relevant data is expected.
The time to wake-up is defined as a 16-bit value containing
the number of 9600 Hz ticks. The maximum time interval
that can be spawn with one cycle then equals 6.8 s.
The wake-up counter and it’s reload latch are supplied by
VBAT and work independent of the 2 V supply. A reset to
the microcontroller does not clear the wake-up counter
control flags or the reload latch, but clears the reload
register (see Fig.21).
The counter is implemented as a 16-bit ripple down
counter. It can be loaded from the wake-up reload latch by
a signal from the processor. When the counter is loaded it
automatically starts if the RUN signal is active. When the
counter reaches zero the wake-up signal becomes active
and may generate an interrupt. The wake-up signal
automatically reloads the counter (modulo N counter).
The counter is stopped when the RUN signal is written to
logic 0. Auto reloading of the counter is also possible,
when the DC/DC converter is not operating (i.e. VDD is
below 1.8 V).
The contents of the wake-up counter cannot be read by the
processor. Reading WUC0 and WUC1 reflects the
contents of the 16-bit wake-up register (set by the
microcontroller).
The interface between 2 and 1 V regions is implemented
similar to the clock correction block. The sequence for
writing values is identical (see Fig.16).
Fig.21 Block diagram of wake-up counter.
handbook, full pagewidth
MGR122
1
STORE
9600 Hz
internal
SET FLAG
SFR to
microcontroller
RESET
with each
OFF cycle
SET
CPL
RUN
LOAD
WUP
TEST
Z1
Z0
WU0 to WU15
WU RELOAD LATCH
(16-BIT)
reload data
WU COUNTER
(16-BIT)
&
Interrupt
≥ 1
≥ 1
reload
VDD supply
wake-up DC/DC converter
VBAT supply
CARRY
RESET only
on RESETIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com