Electronic Components Datasheet Search
  English  ▼

X  

PCD3352AT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCD3352AT
Description  8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3352AT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCD3352AT Datasheet HTML 3Page - NXP Semiconductors PCD3352AT Datasheet HTML 4Page - NXP Semiconductors PCD3352AT Datasheet HTML 5Page - NXP Semiconductors PCD3352AT Datasheet HTML 6Page - NXP Semiconductors PCD3352AT Datasheet HTML 7Page - NXP Semiconductors PCD3352AT Datasheet HTML 8Page - NXP Semiconductors PCD3352AT Datasheet HTML 9Page - NXP Semiconductors PCD3352AT Datasheet HTML 10Page - NXP Semiconductors PCD3352AT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
1999 Oct 28
7
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator
and 128 bytes EEPROM
PCA3351C; 52C; 53C;
PCD3351A; 52A; 53A
5.2
Pin description
Table 2
SOT117-1 and SOT136-1 packages (for information on parallel I/O ports, see Chapter 14)
Table 3
SOT358-1 package (for information on parallel I/O ports, see Chapter 14)
SYMBOL
PIN
TYPE
DESCRIPTION
P0.1 to P0.7
1 to 7
I/O
7 bits of Port 0: 8-bit quasi-bidirectional I/O port
T1
8
I
Test 1 or count input of 8-bit Timer/event counter 1
XTAL1
9
I
crystal oscillator or external clock input
XTAL2
10
O
crystal oscillator output
RESET
11
I
reset input
CE/T0
12
I
Chip Enable or Test 0
P1.0 to P1.6
13 to 19
I/O
7 bits of Port 1: 8-bit quasi-bidirectional I/O port
P1.7/MDY
20
I/O
1 bit of Port 1: 8-bit quasi-bidirectional I/O port; or melody output
P2.0
21
I/O
1 bit of Port 2: 4-bit quasi-bidirectional I/O port
VSS
22
P
ground
TONE
23
O
DTMF output
VDD
24
P
positive supply voltage
P2.1 to P2.3
25 to 27
I/O
3 bits of Port 2: 4-bit quasi-bidirectional I/O port
P0.0
28
I/O
1 bit of Port 0: 8-bit quasi-bidirectional I/O port
SYMBOL
PIN
TYPE
DESCRIPTION
n.c.
1
−
not connected
P0.5 to P0.7
2 to 4
I/O
3 bits of Port 0: 8-bit quasi-bidirectional I/O port
T1
5
I
Test 1 or count input of 8-bit Timer/event counter 1
XTAL1
6
I
crystal oscillator or external clock input
XTAL2
7
O
crystal oscillator output
RESET
8
I
reset input
CE/T0
9
I
Chip Enable or Test 0
P1.0 to P1.2
10 to 12
I/O
3 bits of Port 1: 8-bit quasi-bidirectional I/O port
n.c.
13
−
not connected
P1.3 to P1.5
14 to 16
I/O
3 bits of Port 1: 8-bit quasi-bidirectional I/O port
n.c.
17
−
not connected
P1.6
18
I/O
1 bit of Port 1: 8-bit quasi-bidirectional I/O port
P1.7/MDY
19
I/O
1 bit of Port 1: 8-bit quasi-bidirectional I/O port; or melody output
P2.0
20
I/O
1 bit of Port 2: 4-bit quasi-bidirectional I/O port
VSS
21
P
ground
TONE
22
O
DTMF output
VDD
23
P
positive supply voltage
P2.1 to P2.3
24 to 26
I/O
3 bits of Port 2: 4-bit quasi-bidirectional I/O port
P0.0
27
I/O
1 bit of Port 0: 8-bit quasi-bidirectional I/O port
n.c.
28
−
not connected
P0.1 to P0.4
29 to 32
I/O
4 bits of Port 0: 8-bit quasi-bidirectional I/O port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com