Electronic Components Datasheet Search
  English  ▼

X  

PCD3352AT Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCD3352AT
Description  8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3352AT Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCD3352AT Datasheet HTML 11Page - NXP Semiconductors PCD3352AT Datasheet HTML 12Page - NXP Semiconductors PCD3352AT Datasheet HTML 13Page - NXP Semiconductors PCD3352AT Datasheet HTML 14Page - NXP Semiconductors PCD3352AT Datasheet HTML 15Page - NXP Semiconductors PCD3352AT Datasheet HTML 16Page - NXP Semiconductors PCD3352AT Datasheet HTML 17Page - NXP Semiconductors PCD3352AT Datasheet HTML 18Page - NXP Semiconductors PCD3352AT Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
1999 Oct 28
15
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator
and 128 bytes EEPROM
PCA3351C; 52C; 53C;
PCD3351A; 52A; 53A
7.1.2
EEPROM ADDRESS REGISTER (ADDR)
The EEPROM Address Register determines the EEPROM location to which an EEPROM access is directed.
As a whole, ADDR auto-increments after read and write cycles to EEPROM, but remains fixed after erase cycles. This
behaviour generates the correct ADDR contents for sequential read accesses and for sequential write or erase/write
accesses with intermediate page setup. Overflow of the 8-bit counter wraps around to zero.
Table 14 EEPROM Address Register, ADDR (address 01H, access type R/W)
Table 15 Description of ADDR bits
7.1.3
EEPROM DATA REGISTER (DATR)
Table 16 EEPROM Data Register, DATR (address 03H; access type R/W)
Table 17 Description of DATR bits
7.1.4
EEPROM TEST REGISTER (TST)
The EEPROM Test register is used for testing purposes during device manufacture. It must not be accessed by the
device user.
76543210
0
AD6
AD5
AD4
AD3
AD2
AD1
AD0
BIT
SYMBOL
DESCRIPTION
7
−
This bit is set to a logic 0.
6 to 2
AD6 to AD2
AD2 to AD6 select one of 32 pages.
1 to 0
AD1 to AD0
AD1 and AD0 are irrelevant during erase and write cycles. For read accesses, AD0 and
AD1 indicate the byte location within an EEPROM page. During page setup, finally, AD0
and AD1 select EEPROM Latch 0 to 3 whereas AD2 to AD6 are irrelevant. If increment
mode (Table 13) is active during page setup, the subcounter consisting of AD0 and AD1
increments after every write to an EEPROM latch, thus enhancing access to sequential
EEPROM latches. Incrementing stops when EEPROM Latch 3 is reached, i.e. when
AD0 and AD1 are both a logic 1.
76543210
D7
D6
D5
D4
D3
D2
D1
D0
BIT
SYMBOL
DESCRIPTION
7 to 0
D7 to D0
The EEPROM Data Register (DATR) is only a conceptual entity. A read operation from
DATR, reads out the EEPROM byte addressed by ADDR. On the other hand, a write
operation to DATR, loads data into the EEPROM latch (see Fig.5) defined by bits AD0
and AD1 of ADDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com