Electronic Components Datasheet Search
  English  ▼

X  

PCA8514 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA8514
Description  Stand-alone OSD
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8514 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA8514 Datasheet HTML 2Page - NXP Semiconductors PCA8514 Datasheet HTML 3Page - NXP Semiconductors PCA8514 Datasheet HTML 4Page - NXP Semiconductors PCA8514 Datasheet HTML 5Page - NXP Semiconductors PCA8514 Datasheet HTML 6Page - NXP Semiconductors PCA8514 Datasheet HTML 7Page - NXP Semiconductors PCA8514 Datasheet HTML 8Page - NXP Semiconductors PCA8514 Datasheet HTML 9Page - NXP Semiconductors PCA8514 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
1995 Nov 27
6
Philips Semiconductors
Product specification
Stand-alone OSD
PCA8514
5.2
Pin description
Table 1 SDIP24 and SO24 packages
SYMBOL
PIN
I/O
DESCRIPTION
I (VOW3)
1
O
Character output signal for intensity control.
P04/ACM (VOB2)
2
O
Port 04 output or Active Character Monitor output (VOB2).
TEST2
3
I
Test mode selection; for normal operation TEST2 is connected to VSS.
TEST1
4
I
Test mode selection; for normal operation TEST1 is connected to VSS.
C
5
I/O
Capacitor connection for on-chip OSD PLL oscillator.
VSYNC
6
I
Vertical synchronization input, active polarity programmable.
HSYNC
7
I
Horizontal synchronization input, active polarity programmable.
SDA/SIN
8
I/O
Data line of the I2C-bus interface or the data line for the High-speed
serial interface.
SCL/SCLK
9
I/O
Clock line of the I2C-bus interface or the clock line for the High-speed
serial interface.
XTAL1 (IN)
10
I
System clock input.
XTAL2 (OUT)
11
O
System clock output.
VSS
12
I
Ground, digital.
RESET
13
I
Master reset input (active LOW).
E
14
I
Chip enable (active HIGH) for the High-speed serial interface. When the
I2C-bus interface is selected this pin should be connected to VSS.
HIO/I2C
15
I
Serial interface selection. When this pin is LOW the High-speed serial
interface is selected; when this pin is HIGH the I2C-bus interface is
selected.
R (VOW0)
16
O
Character output signal: VOW0 for Red.
P00
17
I/O
General purpose I/O Port 00.
G (VOW1)
18
O
Character output signal: VOW1 for Green.
P01
19
I/O
General purpose I/O Port 01.
B (VOW2)
20
O
Character output signal: VOW2 for Blue.
VDD
21
I
Power supply, digital.
FB (VOB)
22
O
Fast Blanking output (VOB).
AVSS
23
I
Ground, analog.
AVDD
24
I
Power supply, analog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com