Electronic Components Datasheet Search
  English  ▼

X  

PCA8514 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA8514
Description  Stand-alone OSD
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8514 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA8514 Datasheet HTML 3Page - NXP Semiconductors PCA8514 Datasheet HTML 4Page - NXP Semiconductors PCA8514 Datasheet HTML 5Page - NXP Semiconductors PCA8514 Datasheet HTML 6Page - NXP Semiconductors PCA8514 Datasheet HTML 7Page - NXP Semiconductors PCA8514 Datasheet HTML 8Page - NXP Semiconductors PCA8514 Datasheet HTML 9Page - NXP Semiconductors PCA8514 Datasheet HTML 10Page - NXP Semiconductors PCA8514 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
1995 Nov 27
7
Philips Semiconductors
Product specification
Stand-alone OSD
PCA8514
6
SERIAL I/O
The PCA8514 has two means by which it can
communicate with a microcontroller: a fast I2C-bus serial
interface and a High-speed serial interface. Selection of
either interface is achieved via pin 15, HIO/I2C. When
HIO/I2C is LOW, the HIO serial interface is selected. When
HIO/I2C is HIGH, the I2C-bus serial interface is selected.
The PCA8514 is programmed by a series of commands
sent via one of these interfaces. There are 16 commands;
each command selecting different functions of the
PCA8514. The 16 commands are described in detail in
Chapter 9.
6.1
I2C-bus serial interface
The I2C-bus serial interface is selected by driving pin 15
(HIO/I2C) HIGH. Data transmission conforms to the fast
I2C-bus protocol; the maximum transmission rate being
400 kHz. The PCA8514 operates in the slave receiver
mode and therefore in normal operation is ‘write only’ from
the master device.
The format of the data streams sent via the I2C-bus
interface is shown in Fig.3. The first data byte is the slave
address 1011 101Xb. The last bit of the slave address is
always a logic 0, except in the Test mode when it could be
a logic 1. Subsequent data bytes contain the commands
for control of the device. Upon the successful reception of
a complete data byte by the shift register, an Acknowledge
bit is sent. A STOP condition terminates the data transfer
operation.
The I2C-bus interface is reset to its initial state (waiting for
a slave address call) by the following conditions:
• After a master reset
• After a bus error has been detected on the I2C-bus
interface.
Under both these conditions the data held in the shift
register is abandoned.
6.1.1
MAXIMUM SPEED OF THE I2C-BUS
The maximum I2C-bus transmission rate that the
PCA8514 can receive is 400 kHz. However, if the data
byte being transmitted is for display RAM then internal
synchronization of the write operation from the shift
register to the display RAM location is necessary. This will
reduce the maximum transmission speed.
The synchronization process is carried out by on-chip
hardware and takes place during the HSYNC retrace
period when VSYNC is inactive. The I2C-bus clock is
pulled LOW if a complete display RAM data byte is
received before HSYNC becomes active. The I2C-bus
clock will be released when HSYNC becomes active and
then the contents of the shift register will be written into the
display RAM location.
6.2
High-speed serial interface (HIO)
The High-speed serial interface is selected when pin 15
(HIO/I2C) is pulled LOW. The High-speed serial interface
has a 3-wire communication protocol; the maximum
transmission rate being 1 MHz. The interface protocol is
illustrated in Fig.4 and described below.
1. Pin 14 (E) the chip enable pin is driven HIGH. This
LOW-to-HIGH transition clears the shift register and
resets the serial input circuit.
2. On the first HIGH-to-LOW transition of SCLK after the
interface has been enabled, the first data bit (D0) must
be present at the SIN pin.
3. On the following LOW-to-HIGH transition of SCLK, the
first data bit (D0) will be latched into the shift register.
4. On the next HIGH-to-LOW transition of SCLK the
second data bit (D1) must be present at the SIN pin.
Data bit (D1) will be latched into the shift register on
the following LOW-to-HIGH transition of SCLK.
5. The operation specified in step 4 above is repeated
another 6 times, thus loading the shift register with a
complete data byte. This data byte is then transferred
to the command interpreter which takes the
appropriate action.
6. Providing the chip enable signal remains HIGH, a
2nd data byte can be transferred. The 1st data bit of
the next data transfer takes place on the falling edge
of the SCLK signal.
The following points should be noted:
• If the chip enable signal is pulled LOW at any time the
shift operation in progress is stopped and the HIO slave
receiver is disabled
• The rising edge of the chip enable signal resets the HIO
slave receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com