Electronic Components Datasheet Search
  English  ▼

X  

PCE-CM40 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CM40
Description  Clamp Meter PCE-CM 40
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CM40 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CM40 Datasheet HTML 1Page - PCE Instruments. PCE-CM40 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCE Instruments UK Ltd.
United Kingdom, SO31 4RF
PCE Americas Inc.
USA, Jupiter, 33458 FL
Phone: +44 023 8098 7030
info@pce-instruments.co.uk
Phone: +1 (561) 320-9162
info@pce-americas.com
Subject to change
General Features PCE- CM 40
AC 50 ... 400 Hz TRMS
Measuring range
Resolution
Accuracy
30 A AC
0.01A
± (3% of Mw + 8 digits)
300 A AC
0.1 A
± (3% of Mw + 5 digits)
3000 A AC
1:00 AM
± (3% of Mw + 5 digits)
General technical specifications
Display
3000 digit LCD with backlight
Loop diameter
About 170 x 5 mm / 6.7 x 0.2 in
Operating conditions
5 ... 40°C / 41 ... 104°F, max. 80% RH
not condensing
Storage conditions
-20 ... 60°C / -4 ... 140°F, max. 80%
RH not condensing
Operating altitude
Max. 2000 m
Power supply
2 x 1.5V AAA battery
Automatic shutdown
After about 15 minutes
Security conditions
EN61010-1, EN61010-2-032,
EN61326-1
Overvoltage category
CAT III, 1000 V; CAT IV, 600V
Pollution degree
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com