Electronic Components Datasheet Search
  English  ▼

X  

PCE-CM40 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-CM40
Description  Clamp Meter PCE-CM 40
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CM40 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-CM40 Datasheet HTML 1Page - PCE Instruments. PCE-CM40 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.pce-instruments.com
Clamp Meter
PCE-CM 40
PCE-CM 40
The flexible current clamp PCE-CM 40 is suitable for current measurements up to 3000 AAC. In addition to TRMS current measurement, the flexible current clamp
can be used to measure inrush currents. The measurement of the current takes place via a flexible Rogowski coil. This means that the electrical conductor around
which the flexible current clamp is placed induces a voltage in the ammeter. This voltage is proportional to the current flow through the electrical conductor. This
makes it possible to measure very high currents with the flexible current clamp almost without risk. In addition to the current measurement, the flexible current
clamp is able to measure frequencies in the range of 50 ... 400 Hz.
The PCE-CM 40 flexible current clamp is used to measure the AC current in machines, systems and electrical installations. Due to the flexible Rogowski coil,
which has a diameter of 170 mm, the clamp can be used wherever conventional space clamps can not be used. The measured value of the alternating current is
displayed on the illuminated LCD. Furthermore, the measured values can be stored in a memory that can be read out via the Bluetooth interface.
► Up to 3000 A AC
► LC display
► Inrush function
► Frequency measurement
► Easy handling
► Data storage


Similar Part No. - PCE-CM40

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-CM41 PCE-PCE-CM41 Datasheet
144Kb / 2P
Conductivity Meter PCE-CM 41
More results

Similar Description - PCE-CM40

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
DC400 EXTECH-DC400 Datasheet
209Kb / 1P
Mini DC Clamp Meter
MA200 EXTECH-MA200 Datasheet
282Kb / 8P
400A AC Clamp Meter
380926 EXTECH-380926_15 Datasheet
213Kb / 1P
2000A AC/DC Clamp Meter
EX720 EXTECH-EX720 Datasheet
301Kb / 1P
800A Clamp Meter
EX700 EXTECH-EX700 Datasheet
301Kb / 1P
800A Clamp Meter
EX710 EXTECH-EX710_15 Datasheet
301Kb / 1P
800A Clamp Meter
logo
Fluke Corporation
303 FLUKE-303 Datasheet
1Mb / 24P
Clamp Meter
319 FLUKE-319 Datasheet
1Mb / 22P
Clamp Meter
logo
List of Unclassifed Man...
CL445 ETC-CL445 Datasheet
6Mb / 2P
HVAC CLAMP METER
logo
PCE Instruments.
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com