Electronic Components Datasheet Search
  English  ▼

X  

PCA8550DB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA8550DB
Description  4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8550DB Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA8550DB Datasheet HTML 1Page - NXP Semiconductors PCA8550DB Datasheet HTML 2Page - NXP Semiconductors PCA8550DB Datasheet HTML 3Page - NXP Semiconductors PCA8550DB Datasheet HTML 4Page - NXP Semiconductors PCA8550DB Datasheet HTML 5Page - NXP Semiconductors PCA8550DB Datasheet HTML 6Page - NXP Semiconductors PCA8550DB Datasheet HTML 7Page - NXP Semiconductors PCA8550DB Datasheet HTML 8Page - NXP Semiconductors PCA8550DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
PCA8550
4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
1998 Sep 29
5
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134)
Voltages are referenced to GND (ground = 0V)
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
VI
DC input voltage
Note 3
–1.5 to VCC +1.5
V
VOUT
DC output voltage
Note 3
–0.5 to VCC +0.5
V
Tstg
Storage temperature range
–60 to +150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCC
DC supply voltage
3.0
3.6
V
SCL, SDA
VIL
VIH
VOL
IOL= 3mA
–0.5
2.7
0.9
4.0
0.4
V
OVERRIDE#,
MUX_IN,
MUX_SELECT
VIL
VIH
–0.5
2.0
0.8
4.0
V
MUX_OUT,
NON_MUXED_OUT
IOL
IOH
2.0
–2.0
mA
dt/dv
Input transition rise or fall time
0
10
ns/V
TA
Operating temperature
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com