Electronic Components Datasheet Search
  English  ▼

X  

PCA8550DB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA8550DB
Description  4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8550DB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA8550DB Datasheet HTML 3Page - NXP Semiconductors PCA8550DB Datasheet HTML 4Page - NXP Semiconductors PCA8550DB Datasheet HTML 5Page - NXP Semiconductors PCA8550DB Datasheet HTML 6Page - NXP Semiconductors PCA8550DB Datasheet HTML 7Page - NXP Semiconductors PCA8550DB Datasheet HTML 8Page - NXP Semiconductors PCA8550DB Datasheet HTML 9Page - NXP Semiconductors PCA8550DB Datasheet HTML 10Page - NXP Semiconductors PCA8550DB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
PCA8550
4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
1998 Sep 29
7
AC CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
MIN
MAX
UNIT
TMPD
Mux input to output propagation delay
20.0
ns
TSOV
MUX_SELECT to output valid
22
ns
TOVN
OVERRIDE# to NON_MUX output delay
15.0
ns
TOVM
OVERRIDE# to mux output delay
25.0
ns
TR
Output rise time
1.0
3.0
ns/V
TF
Output fall time
1.0
3.0
ns/V
CL
Test load capacitance on Muxed/Non-Muxed
outputs
15
pF
I2C BUS
fSCL
I2C clock frequency
10
400
KHz
TSCH
I2C clock high time
600
ns
TSCL
I2C clock low time
1.3
ns
TDSP
I2C data spike time
0
50
ns
TSDS
I2C data setup time
100
ns
TSDH
I2C data hold time
0
ns
TICR
I2C input rise time (10–400pF bus)
20
300
ns
TICF
I2C input fall time (10–400pF bus)
20
300
ns
TBUF
I2C bus free time between start and stop
1.3
ns
TSTS
I2C repeated start condition setup
600
ns
TSTH
I2C repeated start condition hold
600
ns
TSPS
I2C stop condition setup
600
ns
CB
I2C bus capacitive load
400
pF
TW
Write cycle time1
TYPICAL = 15
ms
NOTE:
1. WRITE CYCLE time can only be measured indirectly during write cycle. The device will not acknowledge its I2C address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com