Electronic Components Datasheet Search
  English  ▼

X  

PCA8581P Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA8581P
Description  128 x 8-bit EEPROM with I2C-bus interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8581P Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA8581P Datasheet HTML 2Page - NXP Semiconductors PCA8581P Datasheet HTML 3Page - NXP Semiconductors PCA8581P Datasheet HTML 4Page - NXP Semiconductors PCA8581P Datasheet HTML 5Page - NXP Semiconductors PCA8581P Datasheet HTML 6Page - NXP Semiconductors PCA8581P Datasheet HTML 7Page - NXP Semiconductors PCA8581P Datasheet HTML 8Page - NXP Semiconductors PCA8581P Datasheet HTML 9Page - NXP Semiconductors PCA8581P Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1997 Apr 02
6
Philips Semiconductors
Product specification
128
× 8-bit EEPROM with I2C-bus interface
PCA8581; PCA8581C
7.3
System configuration
A device generating a message is a ‘transmitter’, a device receiving a message is the ‘receiver’. The device that controls
the message is the ‘master’ and the devices which are controlled by the master are the ‘slaves’.
Fig.5 System configuration.
MBA605
MASTER
TRANSMITTER /
RECEIVER
SLAVE
RECEIVER
SLAVE
TRANSMITTER /
RECEIVER
MASTER
TRANSMITTER
MASTER
TRANSMITTER /
RECEIVER
SDA
SCL
7.4
Acknowledge
The number of data bytes transferred between the start
and stop conditions from transmitter to receiver is
unlimited. Each byte of eight bits is followed by an
acknowledge bit. The acknowledge bit is a HIGH level
signal put on the bus by the transmitter during which time
the master generates an extra acknowledge related clock
pulse. A slave receiver which is addressed must generate
an acknowledge after the reception of each byte. Also a
master receiver must generate an acknowledge after the
reception of each byte that has been clocked out of the
slave transmitter.
The device that acknowledges must pull down the SDA
line during the acknowledge clock pulse, so that the SDA
line is stable LOW during the HIGH period of the
acknowledge related clock pulse (set-up and hold times
must be taken into consideration). A master receiver must
signal an end of data to the transmitter by not generating
an acknowledge on the last byte that has been clocked out
of the slave. In this event the transmitter must leave the
data line HIGH to enable the master to generate a stop
condition.
Fig.6 Acknowledgement on the I2C-bus.
handbook, full pagewidth
MBA606 - 1
START
condition
S
SCL FROM
MASTER
DATA OUTPUT
BY TRANSMITTER
DATA OUTPUT
BY RECEIVER
clock pulse for
acknowledgement
1
2
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com