Electronic Components Datasheet Search
  English  ▼

X  

PCA8581P Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA8581P
Description  128 x 8-bit EEPROM with I2C-bus interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8581P Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA8581P Datasheet HTML 5Page - NXP Semiconductors PCA8581P Datasheet HTML 6Page - NXP Semiconductors PCA8581P Datasheet HTML 7Page - NXP Semiconductors PCA8581P Datasheet HTML 8Page - NXP Semiconductors PCA8581P Datasheet HTML 9Page - NXP Semiconductors PCA8581P Datasheet HTML 10Page - NXP Semiconductors PCA8581P Datasheet HTML 11Page - NXP Semiconductors PCA8581P Datasheet HTML 12Page - NXP Semiconductors PCA8581P Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1997 Apr 02
9
Philips Semiconductors
Product specification
128
× 8-bit EEPROM with I2C-bus interface
PCA8581; PCA8581C
8
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
9
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take precautions appropriate to handling MOS devices. Advice can be found in Data Handbook IC12 under
“Handling MOS Devices”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage (pin 8)
−0.3
+7.0
V
VI
input voltage (any input)
measured via a 500
Ω resistor
−0.8
VDD + 0.8 V
II
DC input current
−±10
mA
IO
DC output current
−±10
mA
Ptot
total power dissipation per package
−
150
mW
PO
power dissipation per output
−
50
mW
Tamb
operating ambient temperature
−25
+85
°C
Tstg
storage temperature
without EEPROM retention
−65
+150
°C
with EEPROM retention
−65
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com