Electronic Components Datasheet Search
  English  ▼

X  

TMP114 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP114
Description  TMP119 Ultra-High Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP114 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP114 Datasheet HTML 9Page - Texas Instruments TMP114 Datasheet HTML 10Page - Texas Instruments TMP114 Datasheet HTML 11Page - Texas Instruments TMP114 Datasheet HTML 12Page - Texas Instruments TMP114 Datasheet HTML 13Page - Texas Instruments TMP114 Datasheet HTML 14Page - Texas Instruments TMP114 Datasheet HTML 15Page - Texas Instruments TMP114 Datasheet HTML 16Page - Texas Instruments TMP114 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
7 Detailed Description
7.1 Overview
The TMP119 is a digital output temperature sensor designed for thermal-management and thermal-protection
applications. The TMP119 is two-wire, SMBus, and I2C interface-compatible. The device is specified over an
ambient air operating temperature range of –55°C to 150°C. Figure 7-1 shows a block diagram of the TMP119.
7.2 Functional Block Diagram
ADC
Oscillator
Register
Bank
Serial
Interface
Control
Logic
ADD0
SCL
SDA
GND
V+
ALERT
Copyright © 2017, Texas Instruments Incorporated
EEPROM
Temperature
Sensor
Circuitry
Internal
Thermal
BJT
Figure 7-1. Internal Block Diagram
www.ti.com
TMP119
SNIS236 – JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMP119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com