Electronic Components Datasheet Search
  English  ▼

X  

PCE-428 Datasheet(PDF) 3 Page - PCE Instruments.

Part # PCE-428
Description  Class 2 Data Logging Sound Level Meter PCE-428
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-428 Datasheet(HTML) 3 Page - PCE Instruments.

  PCE-428 Datasheet HTML 1Page - PCE Instruments. PCE-428 Datasheet HTML 2Page - PCE Instruments. PCE-428 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Interface
USB (Memory readable via software or directly as mass
storage)
RS-232
Voltage output
AC 5V RMS
DC 10 mV/db
Alarm
Adjustable
Power supply
4 x 1.5V AA Batteries
12V / 1 A Power plug
5V / 1 A USB
Battery life
Min. 10 h continuous use
Dimensions
70 x 300 x 36 mm / 2.76 x 11.81 x 1.42 in (W x H x D)
Weight
Approx. 620 g / 1.4 lbs incl. batteries



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com