Electronic Components Datasheet Search
  English  ▼

X  

PCE-428 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-428
Description  Class 2 Data Logging Sound Level Meter PCE-428
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-428 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-428 Datasheet HTML 1Page - PCE Instruments. PCE-428 Datasheet HTML 2Page - PCE Instruments. PCE-428 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Class 2 Data Logging Sound Level Meter PCE-428
PCE-428 Class 2 Data-Logging Sound Level Meter
Portable high-accuracy decibel meter with 1/1 octave band filter (optional 1/3 octave band filter upgrade)
PCE-428 is a class 2 data-logging sound level meter that meets IEC 60651:1979, IEC 60804:2000, IEC 61672-1:2013, ANSI S1.4-1983 and ANSI
S1.43-1997 requirements. This portable high-accuracy sound level meter has a large easy-to-read illuminated LCD screen that displays the
sound pressure level (SPL) numerically and graphically in real time. Thanks to octave band filtering, even the slightest difference in frequency is
detected.
The handheld meter also functions as a data logger, recording measurementsat an adjustable interval from 1 s ... 24 h and storing the recorded
measurement data to a micro SD card memory. The SD card can be removed from the meter and inserted into the SD card reader of a PC.
Alternatively, the decibel meter can be connected directly to a PC via USB. The provided PC-compatible software allows for quick and easy data
analysis.
This device measures from 25 ... 136 db(A) at a frequency of 20 Hz ... 12.5 kHz. The meter features A, B, C and Z frequency weightings as well as
fast, slow and impulse time weightings. The PCE-428 decibel meter is commonly used by professionals to ensure compliance with
environmental noise regulations and workplace noise permissible exposure limits.
Accuracy class 2
A, B, C and Z frequency weightings
Fast, slow and impulse time weightings
1/1 octave band filter (optional 1/3 octave band filter upgrade)
Adjustable data-recording interval from 1 s ... 24 h
Real-time numerical and graphical LCD display
Adjustable alarm


Similar Part No. - PCE-428

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-428-EKIT PCE-PCE-428-EKIT Datasheet
504Kb / 4P
Outdoor Decibel Meter PCE-428-EKIT
More results

Similar Description - PCE-428

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407703A EXTECH-407703A Datasheet
177Kb / 1P
Analog Sound Level Meter
407706 EXTECH-407706 Datasheet
61Kb / 2P
Analog Sound Level Meter
407730 EXTECH-407730 Datasheet
136Kb / 6P
Digital Sound Level Meter
407735 EXTECH-407735 Datasheet
77Kb / 4P
Digital Sound Level Meter
407750 EXTECH-407750 Datasheet
103Kb / 8P
Digital Sound Level Meter
407764 EXTECH-407764 Datasheet
292Kb / 12P
Datalogging Sound Level Meter
logo
rfsolutions.ltd
SM1 RFSOLUTIONS-SM1 Datasheet
705Kb / 2P
Sound level meter
logo
Extech Instruments Corp...
407732-KIT EXTECH-407732-KIT Datasheet
147Kb / 1P
Type 2 Sound Level Meter Kits
HD600 EXTECH-HD600_15 Datasheet
246Kb / 1P
Data Logging Sound Level Meter
logo
PCE Instruments.
PCE-430 PCE-PCE-430 Datasheet
678Kb / 3P
Sound Level Data Logger PCE-430
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com