Electronic Components Datasheet Search
  English  ▼

X  

PCB8517 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCB8517
Description  Stand-alone OSD for monitor applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCB8517 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCB8517 Datasheet HTML 6Page - NXP Semiconductors PCB8517 Datasheet HTML 7Page - NXP Semiconductors PCB8517 Datasheet HTML 8Page - NXP Semiconductors PCB8517 Datasheet HTML 9Page - NXP Semiconductors PCB8517 Datasheet HTML 10Page - NXP Semiconductors PCB8517 Datasheet HTML 11Page - NXP Semiconductors PCB8517 Datasheet HTML 12Page - NXP Semiconductors PCB8517 Datasheet HTML 13Page - NXP Semiconductors PCB8517 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
1997 Mar 03
10
Philips Semiconductors
Objective specification
Stand-alone OSD for monitor applications
PCB8517
Table 16 Explanation of Table 15
Table 17 Column 10 of row 10
Table 18 Explanation of Table 17
A horizontal display line consists of 384 dots, which include 288 dots (e.g. 12 dots
× 24 characters) for display character,
and 96 dots for the blank region.
Table 19 Column 11 of row 10
Table 20 Explanation of Table 19
BIT
NAME
DESCRIPTION
5to0
−
These bits specify the vertical starting position of OSD. The counting starts from the
falling edge of the VFLB signal (e.g. enter vertical flyback period) and each increment
represents four scan line movement to the bottom. 64 positions are provided.
The default value is 4 after power-up. The time from the falling edge of the VFLB signal
to starting display is:
tv = (vertical start position) × 4 × th-sync +th-sync.
Where th-sync = one horizontal line display time.
DATA BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
reserved
MSB
horizontal start position
LSB
BIT
NAME
DESCRIPTION
4to0
−
These bits specify the horizontal starting position of OSD. The counting starts from the
falling edge of the HFLB signal (e.g. enter horizontal flyback period) and each increment
represents six dots movement to the right. 32 positions are provided. The default value
is 15 after power-up. The time from the falling edge of the HFLB signal to starting
display is:
th = (horizontal start position) × 6 × tdot +61 × tdot.
Where tdot = one pixel display time (e.g. one horizontal line display time/384).
DATA BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
reserved
CH5
CH4
CH3
CH2
CH1
CH0
BIT
NAME
DESCRIPTION
5 to 0
CH5 to CH0
These bits specify the height of displayed characters. Table 21 shows the lines to be
repeated.
The height of character can be specified from 16 to 63 scan lines. For example, when
CH5 to CH0 = 00 0010, the height of character will be 18 scan lines, the 4th and 12th
line will be double scanned but others will be scanned once.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com