Electronic Components Datasheet Search
  English  ▼

X  

PCB8517 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCB8517
Description  Stand-alone OSD for monitor applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCB8517 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCB8517 Datasheet HTML 8Page - NXP Semiconductors PCB8517 Datasheet HTML 9Page - NXP Semiconductors PCB8517 Datasheet HTML 10Page - NXP Semiconductors PCB8517 Datasheet HTML 11Page - NXP Semiconductors PCB8517 Datasheet HTML 12Page - NXP Semiconductors PCB8517 Datasheet HTML 13Page - NXP Semiconductors PCB8517 Datasheet HTML 14Page - NXP Semiconductors PCB8517 Datasheet HTML 15Page - NXP Semiconductors PCB8517 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
1997 Mar 03
12
Philips Semiconductors
Objective specification
Stand-alone OSD for monitor applications
PCB8517
Character ROM
The character ROM contains 128 character fonts. Each
font consists of a 12
× 16 dot matrix.
Bordering and shadowing of characters
The characters displayed on the screen can be specified
with or without shadowing or with border shadowing by
setting the BSEN and SHSE bits of frame control register
“Column 11 of row 10”. If shadowing is specified, there is
black shadow on the right and bottom sides of character,
and if border shadowing is specified, the black shadowing
will surround both internal and external sides of characters
(see Fig.5). The characters shadow will not appear if it is
outside the display area of character (i.e. 12
× 16 dots).
Combination of two or more character fonts to
formulate a new symbol
User can combine two (or more) character fonts to
formulate a new higher resolution symbol in a horizontal
direction, but the combination of two fonts in a vertical
direction could cause the shadowing or bordering shadow
of upper font to be missed if shadowing or bordering is
applied.
PLL clock generator
By tracing the signal on the HFLB pin, the on-chip PLL
circuit generates the clock (VCLK) which is used for both
system clock and dot clock of the OSD. The frequency of
VCLK signal is determined by following equation:
fVCLK =fHFLB × 384 (i.e. the frequency range of VCLK
signal is from 3.84 to 38.4 MHz).
When there is no horizontal sync pulse present on the
HFLB pin, the PLL circuit will generate a 2.5 MHz
(approximate) clock for the system clock, and the RED,
GREEN, BLUE and FB pins will be high impedance.
Fig.5 Character shadowing and bordering.
handbook, full pagewidth
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
no shadow
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
shadowing
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
MGD759
bordering shadow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com