Electronic Components Datasheet Search
  English  ▼

X  

VCM101 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # VCM101
Description  Pressure switches and pressure monitors for overpressure
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VCM101 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button VCM101 Datasheet HTML 12Page - List of Unclassifed Manufacturers VCM101 Datasheet HTML 13Page - List of Unclassifed Manufacturers VCM101 Datasheet HTML 14Page - List of Unclassifed Manufacturers VCM101 Datasheet HTML 15Page - List of Unclassifed Manufacturers VCM101 Datasheet HTML 16Page - List of Unclassifed Manufacturers VCM101 Datasheet HTML 17Page - List of Unclassifed Manufacturers VCM101 Datasheet HTML 18Page - List of Unclassifed Manufacturers VCM101 Datasheet HTML 19Page - List of Unclassifed Manufacturers VCM101 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
35
Mechanical pressure switches
S2 type series
S2 type series (selection)
ZF217 pressure switches with two microswitches
and switching difference
Switching difference of two-stage pressure switches (ZF217, ZF307)
Type series
S2
ZF217
ZF307
Higher pressure
Lower pressure
min. switching
max. switching difference (mean values)
difference
Type
Factory
Switching scheme Switching scheme Switching scheme
default
A1/A3/B2/B4
A2/A4/C2/C4
B1/B3/D1/D3
C1/C3/D2/D4
+ ZF307
DCM06
40
mbar
165
mbar
190 mbar
140
mbar
DCM025
20
mbar
140
mbar
160 mbar
120
mbar
DCM1
40
mbar
240
mbar
280 mbar
200
mbar
DCM3
0.1
bar
0.65
bar
0.75 bar
0.55
bar
DCM6
0.15
bar
0.95
bar
1.2 bar
0.8
bar
DCM10
0.25
bar
1.6
bar
1.85 bar
1.35
bar
DCM16
0.3
bar
2.0
bar
2.3 bar
1.7
bar
DCM25
0.6
bar
4.0
bar
4.6 bar
3.4
bar
DCM40
0.9
bar
6.0
bar
6.9 bar
5.1
bar
DCM63
1.3
bar
8.5
bar
9.8 bar
7.2
bar
DNM025
35
mbar
215
mbar
240 mbar
180
mbar
VCM095
40
mbar
300
mbar
340 mbar
260
mbar
VCM101
40
mbar
260
mbar
300 mbar
220
mbar
VCM301
20
mbar
100
mbar
120 mbar
80
mbar
VNM111
50
mbar
310
mbar
360 mbar
260
mbar
Switching devices with adjustable switching difference
Additional function ZF217
On switching devices with additional function ZF217, the switching differene is continuously
adjustable via two adjustment knobs I and II accessible from outside. The maximum possible
switching difference is stated in the "Switching difference" table.
Turning adjustment knob I clockwise produces a lower switching point for microswitch I
Turning adjustment knob II anticlockwise produces a higher switching point for microswitch II
Adjustment knobs I and II have an internal stop to prevent the micro switches from being adjusted
beyond the effective range.
Adding together the adjustments on knobs I and II results in the switching difference between the two
micro switches. Changes made with the setting spindle do not affect the switching difference. The
switching difference remains constant over the whole setting range of the spindle. The two switching
points are moved up or down in parallel.
Recommended adjustment method for switching devices with ZF217
1. Set adjustment knobs I and II
to their basic positions.
Turn adjustment knob I
anticlockwise as far as possible.
Turn adjustment knob II
clockwise as far as possible.
2. Adjust the setting spindle
S by the scale to a value midway between the desired upper and lower
switching points.
3. With pressure applied, set the lower switching point with adjustment knob I.
4. In the same way as in step 3, set the upper switching point with adjustment knob II.
5. If the desired upper and lower switching points cannot be reached, turn the setting spindle
S in
the appropriate direction and repeat steps 3 and 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com