Electronic Components Datasheet Search
  English  ▼

X  

1980433 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 1980433
Description  ST 2,5-PCB/ 8-G-5,2 - PCB header
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1980433 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 1980433 Datasheet HTML 3Page - PHOENIX CONTACT 1980433 Datasheet HTML 4Page - PHOENIX CONTACT 1980433 Datasheet HTML 5Page - PHOENIX CONTACT 1980433 Datasheet HTML 6Page - PHOENIX CONTACT 1980433 Datasheet HTML 7Page - PHOENIX CONTACT 1980433 Datasheet HTML 8Page - PHOENIX CONTACT 1980433 Datasheet HTML 9Page - PHOENIX CONTACT 1980433 Datasheet HTML 10Page - PHOENIX CONTACT 1980433 Datasheet HTML 11Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Approvals
To download certificates, visit the product detail page: https://www.phoenixcontact.com/us/products/1980433
EAC
Approval ID: RU C-DE.A*30.B.01742
cULus Recognized
Approval ID: E60425-20000825
Nominal voltage UN
Nominal current IN
Cross section AWG
Cross section mm2
Use group B
300 V
15 A
-
-
Use group C
300 V
15 A
-
-
ST 2,5-PCB/ 8-G-5,2 - PCB header
1980433
https://www.phoenixcontact.com/us/products/1980433
Feb 14, 2024, 5:44 AM
Page 7 (12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com