Electronic Components Datasheet Search
  English  ▼

X  

1980433 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1980433
Description  ST 2,5-PCB/ 8-G-5,2 - PCB header
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1980433 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1980433 Datasheet HTML 1Page - PHOENIX CONTACT 1980433 Datasheet HTML 2Page - PHOENIX CONTACT 1980433 Datasheet HTML 3Page - PHOENIX CONTACT 1980433 Datasheet HTML 4Page - PHOENIX CONTACT 1980433 Datasheet HTML 5Page - PHOENIX CONTACT 1980433 Datasheet HTML 6Page - PHOENIX CONTACT 1980433 Datasheet HTML 7Page - PHOENIX CONTACT 1980433 Datasheet HTML 8Page - PHOENIX CONTACT 1980433 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
ST-COMBI receptacle, plug-in direction horizontal to the PCB, pitch: 5.2 mm, no. of positions: 8
Your advantages
Universal plug-in solutions from the DIN rail through to the device can be implemented with the same plug
•
The pitch width of this base strip is matched to that of the COMBI plug
•
Commercial data
Item number
1980433
Packing unit
50 pc
Minimum order quantity
50 pc
Note
Made to order (non-returnable)
Sales key
AA03
Product key
AACSNA
Catalog page
Page 297 (C-1-2019)
GTIN
4017918972103
Weight per piece (including packing)
13.71 g
Weight per piece (excluding packing)
11.919 g
Customs tariff number
85366930
Country of origin
PL
ST 2,5-PCB/ 8-G-5,2 - PCB header
1980433
https://www.phoenixcontact.com/us/products/1980433
Feb 14, 2024, 5:44 AM
Page 1 (12)


Similar Part No. - 1980433

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1980430000 WEIDMULLER-1980430000 Datasheet
316Kb / 4P
SL 7.62HP/08/90G 3.2SN OR BX
More results

Similar Description - 1980433

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1980446 PHOENIX-1980446 Datasheet
59Kb / 4P
Base strip - ST 2,5-PCB/ 9-G-5,2
1980420 PHOENIX-1980420 Datasheet
59Kb / 4P
Base strip - ST 2,5-PCB/ 7-G-5,2
1980459 PHOENIX-1980459 Datasheet
59Kb / 4P
Base strip - ST 2,5-PCB/10-G-5,2
1980501 PHOENIX-1980501 Datasheet
84Kb / 2P
ST 2,5-PCBV/ 4-G-5,2
1980569 PHOENIX-1980569 Datasheet
84Kb / 2P
ST 2,5-PCBV/10-G-5,2
1980378 PHOENIX-1980378 Datasheet
59Kb / 4P
Base strip - ST 2,5-PCB/ 2-G-5,2
1980381 PHOENIX-1980381 Datasheet
59Kb / 4P
Base strip - ST 2,5-PCB/ 3-G-5,2
1980404 PHOENIX-1980404 Datasheet
59Kb / 4P
Base strip - ST 2,5-PCB/ 5-G-5,2
1980417 PHOENIX-1980417 Datasheet
59Kb / 4P
Base strip - ST 2,5-PCB/ 6-G-5,2
1845992 PHOENIX-1845992 Datasheet
534Kb / 16P
PCB header - MDSTBV 2,5/ 8-G
Dec 30, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com