Electronic Components Datasheet Search
  English  ▼

X  

WMS7140010P Datasheet(PDF) 13 Page - Winbond

Part # WMS7140010P
Description  NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE, 10KOHM, 50KOHM, 100KOHM RESISTANCE 16 TAPS WITH OPTIONAL OUTPUT BUFFER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7140010P Datasheet(HTML) 13 Page - Winbond

Back Button WMS7140010P Datasheet HTML 9Page - Winbond WMS7140010P Datasheet HTML 10Page - Winbond WMS7140010P Datasheet HTML 11Page - Winbond WMS7140010P Datasheet HTML 12Page - Winbond WMS7140010P Datasheet HTML 13Page - Winbond WMS7140010P Datasheet HTML 14Page - Winbond WMS7140010P Datasheet HTML 15Page - Winbond WMS7140010P Datasheet HTML 16Page - Winbond WMS7140010P Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
WMS7140/1
Publication Release Date: April 21, 2005
- 13 -
Revision 1.1
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNITS
CONDITIONDS
Output Low Voltage
VOL
0.4
V
IOL=2mA
Input Leakage Current
ILI
-1
+1
uA
CS
=VDD,Vin=Vss ~ VDD
Output Leakage Current
ILo
-1
+1
uA
CS
=VDD,Vin=VSS ~ VDD
Input Capacitance
[1]
CIN
25
pF
VDD=5V, fc = 1Mhz
Output Capacitance
[1]
COUT
25
pF
VDD=5V, fc = 1Mhz
Power Requirements
Operating Voltage
VDD
2.7
5.5
V
Operating Current
IDDR
0.5
1
mA
All ops except NVMEM
program
Operating Current
IDDW
1
2
mA
During
Non-volatile
memory program
ISA
[3]
0.5
1
mA
Buffer is active, NOP, no
load
Standby Current
ISB
[4]
0.1
1
uA
Buffer is inactive, Power
Down, No load
Power Supply Rejection
Ratio
PSRR
1
LSB/V
VDD=5V±10%, Code=80H
Notes:
[1] Not subject to production test.
[2] LSB = (VA - VB) / (T- 1); DNL = (Vi+1 - Vi) / LSB; INL = (Vi - i*LSB) / LSB;
where i = [0, (T -1)] and T = # of taps of the device.
[3] WMS71x1 only.
[4] WMS71x0 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com