Electronic Components Datasheet Search
  English  ▼

X  

WMS7140010P Datasheet(PDF) 21 Page - Winbond

Part # WMS7140010P
Description  NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE, 10KOHM, 50KOHM, 100KOHM RESISTANCE 16 TAPS WITH OPTIONAL OUTPUT BUFFER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7140010P Datasheet(HTML) 21 Page - Winbond

Back Button WMS7140010P Datasheet HTML 15Page - Winbond WMS7140010P Datasheet HTML 16Page - Winbond WMS7140010P Datasheet HTML 17Page - Winbond WMS7140010P Datasheet HTML 18Page - Winbond WMS7140010P Datasheet HTML 19Page - Winbond WMS7140010P Datasheet HTML 20Page - Winbond WMS7140010P Datasheet HTML 21Page - Winbond WMS7140010P Datasheet HTML 22Page - Winbond WMS7140010P Datasheet HTML 23Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
WMS7140/1
Publication Release Date: April 21, 2005
- 21 -
Revision 1.1
13. ORDERING INFORMATION
Winbond’s WinPot Part Number Description:
Output
Buffer
End-to-End
Resistance
SOIC
PDIP
MSOP
10K
WMS7140010S
WMS7140010P
WMS7140010M
50K
WMS7140050S
WMS7140050P
WMS7140050M
NO
100K
WMS7140100S
WMS7140100P
WMS7140100M
10K
WMS7141010S
WMS7141010P
WMS7141010M
50K
WMS7141050S
WMS7141050P
WMS7141050M
YES
100K
WMS7141100S
WMS7141100P
WMS7141100M
Notes:
Part number with white background: Available for sampling and mass production.
Part numbers with shaded background: Call factory for availability.
For the latest product information, access Winbond’s worldwide website at
http://www.winbond-usa.com
T B RRR P
Winbond WinPot Products w/ Up-Down Interface
Number Of Taps:
4 = 16
WMS71
For Up/Down interface:
0 : No buffer
1 : With buffer
End-to-end Resistance:
010: 10Kohm
050: 50Kohm
100: 100Kohm
Package:
S: SOIC
P: PDIP
M: MSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com