Electronic Components Datasheet Search
  English  ▼

X  

PCD4440T Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCD4440T
Description  Analog voice scrambler/descrambler
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD4440T Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCD4440T Datasheet HTML 7Page - NXP Semiconductors PCD4440T Datasheet HTML 8Page - NXP Semiconductors PCD4440T Datasheet HTML 9Page - NXP Semiconductors PCD4440T Datasheet HTML 10Page - NXP Semiconductors PCD4440T Datasheet HTML 11Page - NXP Semiconductors PCD4440T Datasheet HTML 12Page - NXP Semiconductors PCD4440T Datasheet HTML 13Page - NXP Semiconductors PCD4440T Datasheet HTML 14Page - NXP Semiconductors PCD4440T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1996 Dec 20
11
Philips Semiconductors
Product specification
Analog voice scrambler/descrambler
PCD4440T
8.5
Timing specifications
The PCD4440T accepts data input from a microcontroller and operates as a ‘slave receiver’ via the I2C-bus. It supports
the ‘standard’ mode of the I2C-bus, but not the ‘fast’ mode detailed in
“The I2C-bus and how to use it” document order
no. 9398 393 40011. The timing requirement are as follows:
Masters generate a bus clock with a maximum frequency of 100 kHz. Detailed timing is shown in Fig. 10, where the two
signal levels are LOW = VIL and HIGH = VIH, see Chapter 12. The time symbols are explained in Table 2. Figure 11
shows a complete data transfer.
Fig.10 Standard mode timing.
handbook, full pagewidth
MBC764
t BUF
t f
t HIGH
t SU;DAT
t SU;STO
t HD;DAT
t SU;STA
t r
t LOW
t HD;STA
SDA
SCL
SDA
Fig.11 Complete data transfer in standard mode.
handbook, full pagewidth
MBC765
9
8
1 - 7
9
8
1 - 7
9
8
1 - 7
STOP
ACK
ADDRESS
R/W
START
CONDITION
ACK
DATA
START
CONDITION
ACK
ADDRESS
R/W
SCL
SDA
Clock LOW minimum = 4.7
µs; clock HIGH minimum = 4 µs.
The dashed line is the acknowledgment of the receiver.
Mark-to-space ratio = 1 : 1 (LOW-to-HIGH).
Maximum number of bytes is unrestricted.
Premature termination of transfer is allowed by generation of STOP condition.
Acknowledge clock bit must be provided by master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com