Electronic Components Datasheet Search
  English  ▼

X  

PCD4440T Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCD4440T
Description  Analog voice scrambler/descrambler
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD4440T Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCD4440T Datasheet HTML 11Page - NXP Semiconductors PCD4440T Datasheet HTML 12Page - NXP Semiconductors PCD4440T Datasheet HTML 13Page - NXP Semiconductors PCD4440T Datasheet HTML 14Page - NXP Semiconductors PCD4440T Datasheet HTML 15Page - NXP Semiconductors PCD4440T Datasheet HTML 16Page - NXP Semiconductors PCD4440T Datasheet HTML 17Page - NXP Semiconductors PCD4440T Datasheet HTML 18Page - NXP Semiconductors PCD4440T Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
1996 Dec 20
15
Philips Semiconductors
Product specification
Analog voice scrambler/descrambler
PCD4440T
11 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
12 CHARACTERISTICS
VDD = 5.0 V; VSS =0V; Tamb =25 °C; all voltages with respect to VSS; fxtal = 3.579 MHz unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
−0.3
+7.0
V
VI
all input voltages
−0.8
VDD + 0.8
V
II
DC input current
−10
+10
mA
IO
DC output current
−20
+20
mA
Ptot
total power dissipation
−
300
mW
PO
power dissipation per output
−
50
mW
Tstg
storage temperature
−65
+150
°C
Tamb
operating ambient temperature
−25
+70
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
operating supply voltage
2.8
−
6.0
V
IDD
supply current
mute mode
VDD =3V
−
2.2
−
mA
operating mode
VDD =3V
−
13
−
mA
Inputs/Outputs: AO, SDA, SCL
VIL
LOW level input voltage
0
−
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD −
VDD
V
Ci
input capacitance
−−
7pF
IOL
SDA output current LOW
VOL = 0.4 V
3.0
−−
mA
Signal input: IN
VDC
DC voltage level
−
0.5VDD −
V
Vi(P-P)
allowed amplitude
−
1.25
VDD − 1V
|Zi|
input impedance
frequency = 1 kHz
−
120
−
k
Ω
Signal output: OUT
VDC
DC voltage level
−
0.5VDD −
V
|Zo|
output impedance
frequency = 1 kHz
−−
1k
Ω
UFS
unwanted frequency
suppression
Vi(P-P) = 1.25 V; fS = 767 or 2461 Hz;
fin = 1 kHz; VDD =3Vor5V
35
40
−
dB
Vo/Vi
transfer loss
transparent mode
−
3.5
−
dB
operating mode
−
0
−
dB
Oscillator frequency input: OSCI
VDC
DC voltage level
−
0.5VDD −
V
VIL
LOW level input voltage
0
−
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD −
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com