Electronic Components Datasheet Search
  English  ▼

X  

AD797A Datasheet(PDF) 5 Page - Analog Devices

Part # AD797A
Description  Ultralow Distortion, Ultralow Noise Op Amp
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD797A Datasheet(HTML) 5 Page - Analog Devices

  AD797A Datasheet HTML 1Page - Analog Devices AD797A Datasheet HTML 2Page - Analog Devices AD797A Datasheet HTML 3Page - Analog Devices AD797A Datasheet HTML 4Page - Analog Devices AD797A Datasheet HTML 5Page - Analog Devices AD797A Datasheet HTML 6Page - Analog Devices AD797A Datasheet HTML 7Page - Analog Devices AD797A Datasheet HTML 8Page - Analog Devices AD797A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Data Sheet
AD797
Rev. K | Page 5 of 19
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Ratings
Supply Voltage
±18 V
Input Voltage
±VS
Differential Input Voltage1
±0.7 V
Output Short-Circuit Duration
Indefinite within
maximum internal
power dissipation
Storage Temperature Range
(N, R Suffix)
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering 60 sec)
300°C
1 The AD797 inputs are protected by back-to-back diodes. To achieve low
noise, internal current-limiting resistors are not incorporated into the design
of this amplifier. If the differential input voltage exceeds ±0.7 V, the input
current should be limited to less than 25 mA by series protection resistors.
Note, however, that this degrades the low noise performance of the device.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
PIN CONFIGURATION
AD797
TOP VIEW
OFFSET NULL 1
–IN 2
+IN 3
–VS 4
DECOMPENSATION
AND DISTORTION
NEUTRALIZATION
+VS
OUTPUT
OFFSET NULL
8
7
6
5
Figure 2. 8-Lead Plastic Dual In-Line Package [PDIP] and
8-Lead Standard Small Outline Package [SOIC]
THERMAL RESISTANCE
θJA is specified for the device soldered on a 4-layer JEDEC
standard printed circuit board (PCB) with zero airflow for the
SOIC package, and a 2-layer JEDEC standard printed circuit
board (PCB) with zero airflow for the PDIP package.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead SOIC (R-8)
120
43
°C/W
8-Lead PDIP (N-8)
103
50
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com