Electronic Components Datasheet Search
  English  ▼

X  

AD797A Datasheet(PDF) 6 Page - Analog Devices

Part # AD797A
Description  Ultralow Distortion, Ultralow Noise Op Amp
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD797A Datasheet(HTML) 6 Page - Analog Devices

Back Button AD797A Datasheet HTML 2Page - Analog Devices AD797A Datasheet HTML 3Page - Analog Devices AD797A Datasheet HTML 4Page - Analog Devices AD797A Datasheet HTML 5Page - Analog Devices AD797A Datasheet HTML 6Page - Analog Devices AD797A Datasheet HTML 7Page - Analog Devices AD797A Datasheet HTML 8Page - Analog Devices AD797A Datasheet HTML 9Page - Analog Devices AD797A Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
AD797
Data Sheet
Rev. K | Page 6 of 19
TYPICAL PERFORMANCE CHARACTERISTICS
20
0
0
20
15
5
5
10
10
15
SUPPLY VOLTAGE (±V)
Figure 3. Input Common-Mode Voltage Range vs. Supply Voltage
20
0
0
20
15
5
5
10
10
15
SUPPLY VOLTAGE (±V)
–VOUT
+VOUT
Figure 4. Output Voltage Swing vs. Supply Voltage
LOAD RESISTANCE (Ω)
30
10
0
10
100
10k
1k
20
VS = ±5
VS = ±15V
Figure 5. Output Voltage Swing vs. Load Resistance
HORIZONTAL SCALE (5sec/DIV)
Figure 6. 0.1 Hz to 10 Hz Noise
TEMPERATURE (°C)
–60
140
–40
100
120
80
60
40
20
0
–20
–2.0
–1.5
–1.0
–0.5
0
Figure 7. Input Bias Current vs. Temperature
TEMPERATURE (°C)
140
140
100
60
–40
80
–60
120
120
100
80
60
40
20
0
–20
40
SOURCE CURRENT
SINK CURRENT
Figure 8. Short-Circuit Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com