Electronic Components Datasheet Search
  English  ▼

X  

AD8599 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8599
Description  Ultralow Distortion, Ultralow Noise Op Amp
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8599 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8599 Datasheet HTML 10Page - Analog Devices AD8599 Datasheet HTML 11Page - Analog Devices AD8599 Datasheet HTML 12Page - Analog Devices AD8599 Datasheet HTML 13Page - Analog Devices AD8599 Datasheet HTML 14Page - Analog Devices AD8599 Datasheet HTML 15Page - Analog Devices AD8599 Datasheet HTML 16Page - Analog Devices AD8599 Datasheet HTML 17Page - Analog Devices AD8599 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
AD797
Data Sheet
Rev. K | Page 14 of 19
The I-to-V converter is a special case of the follower configu-
ration. When the AD797 is used in an I-to-V converter, for
example as a DAC buffer, the circuit shown in Figure 40 should
be used. The value of CL depends on the DAC, and if CL is greater
than 33 pF, a 100 Ω series resistor is required. A bypassed balancing
resistor (RS and CS) can be included to minimize dc errors.
7
*
*
VOUT
+VS
–VS
AD797
R1
RS
IIN
CS
6
3
4
100Ω
600Ω
20pF TO 120pF
2
*USE THE POWER SUPPLY BYPASSING SHOWN IN FIGURE 35.
Figure 40. I-to-V Converter Connection
THE INVERTING CONFIGURATION
The inverting configuration (see Figure 41) presents a low input
impedance, R1, to the source. For this reason, the goals of both
low noise and input buffering are at odds with one another.
Nonetheless, the excellent dynamics of the AD797 makes
it the preferred choice in many inverting applications, and
with careful selection of feedback resistors, the noise penalties
are minimal. Some examples are presented in Table 7 and
Figure 41.
7
*
*
VOUT
VIN
+VS
–VS
AD797
R2
RL
RS
R1
CL
6
3
4
2
*USE THE POWER SUPPLY BYPASSING SHOWN IN FIGURE 35.
Figure 41. Inverting Amplifier Connection
Table 7. Values for Inverting Circuit
Gain
R1
R2
CL
Noise
(Excluding RS)
−1
1 kΩ
1 kΩ
≈ 20 pF
3.0 nV/√Hz
−1
300 Ω
300 Ω
≈ 10 pF
1.8 nV/√Hz
−10
150 Ω
1500 Ω
≈ 5 pF
1.8 nV/√Hz
DRIVING CAPACITIVE LOADS
The capacitive load driving capabilities of the AD797 are
displayed in Figure 42. At gains greater than 10, usually no
special precautions are necessary. If more drive is desirable,
however, the circuit shown in Figure 43 should be used. For
example, this circuit allows a 5000 pF load to be driven cleanly
at a noise gain ≥2.
100nF
10nF
1pF
100
10
11k
1nF
100pF
10pF
CLOSED-LOOP GAIN
Figure 42. Capacitive Load Drive Capability vs. Closed-Loop Gain
7
*
*
VOUT
VIN
+VS
–VS
AD797
C1
20pF
200pF
6
3
4
2
33Ω
100Ω
1kΩ
1kΩ
*USE THE POWER SUPPLY BYPASSING SHOWN IN FIGURE 35.
Figure 43. Recommended Circuit for Driving a High Capacitance Load
SETTLING TIME
The AD797 is unique among ultralow noise amplifiers in that it
settles to 16 bits (<150 μV) in less than 800 ns. Measuring this
performance presents a challenge. A special test circuit (see
Figure 44) was developed for this purpose. The input signal was
obtained from a resonant reed switch pulse generator, available
from Tektronix as calibration Fixture No. 067-0608-00. When
open, the switch is simply 50 Ω to ground and settling is purely
a passive pulse decay and inherently flat. The low repetition rate
signal was captured on a digital oscilloscope after being amplified
and clamped twice. The selection of plug-in for the oscilloscope
was made for minimum overload recovery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com