Electronic Components Datasheet Search
  English  ▼

X  

AD8599 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8599
Description  Ultralow Distortion, Ultralow Noise Op Amp
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8599 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8599 Datasheet HTML 11Page - Analog Devices AD8599 Datasheet HTML 12Page - Analog Devices AD8599 Datasheet HTML 13Page - Analog Devices AD8599 Datasheet HTML 14Page - Analog Devices AD8599 Datasheet HTML 15Page - Analog Devices AD8599 Datasheet HTML 16Page - Analog Devices AD8599 Datasheet HTML 17Page - Analog Devices AD8599 Datasheet HTML 18Page - Analog Devices AD8599 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Data Sheet
AD797
Rev. K | Page 15 of 19
VERROR × 5
–VS
–VS
+VS
+VS
VIN
TO TEKTRONIX
7A26
OSCILLOSCOPE
PREAMP INPUT
SECTION
(VIA LESS THAN 1FT
50Ω COAXIAL CABLE)
TEKTRONIX
CALIBRATION
FIXTURE
NOTES
USE CIRCUIT BOARD WITH GROUND PLANE.
2×
HP2835
2×
HP2835
1MΩ
226Ω
51pF
1kΩ
1kΩ
1kΩ
1kΩ
100Ω
250Ω
0.47µF
1µF
0.1µF
1µF
0.1µF
0.47µF
4.26kΩ
20pF
20pF
7
3
6
2
A2
AD829
A1
AD797
4
7
3
6
2
4
+
–
+
–
Figure 44. Settling Time Test Circuit
DISTORTION REDUCTION
The AD797 has distortion performance (THD < −120 dB,
at 20 kHz, 3 V rms, RL = 600 Ω) unequaled by most voltage
feedback amplifiers.
At higher gains and higher frequencies, THD increases due to a
reduction in loop gain. However, in contrast to most conven-
tional voltage feedback amplifiers, the AD797 provides two
effective means of reducing distortion as gain and frequency
are increased: cancellation of the distortion of the output stage
and gain bandwidth enhancement by decompensation. By
applying these techniques, gain bandwidth can be increased to
450 MHz at G = 1000, and distortion can be held to −100 dB at
20 kHz for G = 100.
The unique design of the AD797 provides cancellation of the
output stage’s distortion. To achieve this, a capacitance equal to
the effective compensation capacitance, usually 50 pF, is connected
between Pin 8 and the output (see C2 in Figure 45). Use of this
feature improves distortion performance when the closed-loop
gain is more than 10 or when frequencies of interest are greater
than 30 kHz.
Bandwidth enhancement via decompensation is achieved by
connecting a capacitor from Pin 8 to ground (see C1 in Figure 45).
Adding C1 results in subtracting from the value of the internal
compensation capacitance (50 pF), yielding a smaller effective
compensation capacitance and therefore a larger bandwidth.
The benefits of adding C1 are evident for closed-loop gains
of ≥100. A maximum value of ≈33 pF at gains of ≥1000 is
recommended. At a gain of 1000, the bandwidth is 450 kHz.
Table 8 and Figure 46 summarize the performance of the
AD797 with distortion cancellation and decompensation.
VIN
a.
b.
AD797
50pF
R1
R2
R2
C1, SEE TABLE
C2 = 50pF – C1
6
2
3
VIN
AD797
C2
C1
R1
6
2
3
8
8
VOUT
Figure 45. Recommended Connections for Distortion Cancellation
and Bandwidth Enhancement
Table 8. Recommended External Compensation for
Distortion Cancellation and Bandwidth Enhancement
A/B
A
B
Gain
R1
(Ω)
R2
(Ω)
C1
(pF)
C2
(pF)
3 dB
BW
C1
(pF)
C2
(pF)
3 dB
BW
10
909
100
0
50
6 MHz
0
50
6 MHz
100
1 k
10
0
50
1 MHz
15
33
1.5 MHz
1000
10 k
10
0
50
110 kHz
33
15
450 kHz
–80
300k
–120
300
100
–110
–100
–90
100k
30k
10k
3k
1k
FREQUENCY (Hz)
0.01
0.003
0.001
0.0003
0.0001
NOISE LIMIT, G = +1000
NOISE LIMIT, G = +100
G = +1000
RL = 600Ω
G = +1000
RL = 10kΩ
G = +10
RL = 600Ω
G = +100
RL = 600Ω
Figure 46. Total Harmonic Distortion (THD) vs. Frequency at 3 V rms
for Figure 45b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com