Electronic Components Datasheet Search
  English  ▼

X  

8642 Datasheet(PDF) 3 Page - Intel Corporation

Part # 8642
Description  UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8642 Datasheet(HTML) 3 Page - Intel Corporation

  8642 Datasheet HTML 1Page - Intel Corporation 8642 Datasheet HTML 2Page - Intel Corporation 8642 Datasheet HTML 3Page - Intel Corporation 8642 Datasheet HTML 4Page - Intel Corporation 8642 Datasheet HTML 5Page - Intel Corporation 8642 Datasheet HTML 6Page - Intel Corporation 8642 Datasheet HTML 7Page - Intel Corporation 8642 Datasheet HTML 8Page - Intel Corporation 8642 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
8742
Table 1 Pin Description
DIP
Symbol
Pin
Type
Name and Function
No
TEST 0
1
I
TEST INPUTS
Input pins which can be directly tested using conditional branch
instructions
TEST 1
39
FREQUENCY REFERENCE
TEST 1 (T1) also functions as the event timer input (under
software control) TEST 0 (T0) is used during PROM programming and EPROM
verification
XTAL 1
2
I
INPUTS
Inputs for a crystal LC or an external timing signal to determine the internal
oscillator frequency
XTAL 2
3
RESET
4I
RESET
Input used to reset status flip-flops and to set the program counter to zero
RESET is also used during EPROM programming and verification
SS
5I
SINGLE STEP
Single step input used in conjunction with the SYNC output to step the
program through each instruction (EPROM) This should be tied to a5V when not used
CS
6I
CHIP SELECT
Chip select input used to select one UPI microcomputer out of several
connected to a common data bus
EA
7
I
EXTERNAL ACCESS
External access input which allows emulation testing and EPROM
verification This pin should be tied low if unused
RD
8I
READ
IO read input which enables the master CPU to read data and status words from
the OUTPUT DATA BUS BUFFER or status register
A0
9I
COMMANDDATA SELECT
Address Input used by the master processor to indicate
whether byte transfer is data (A0 e 0 F1 is reset) or command (A0 e 1 F1 is set) A0 e 0
during program and verify operations
WR
10
I
WRITE
IO write input which enables the master CPU to write data and command words
to the UPI INPUT DATA BUS BUFFER
SYNC
11
O
OUTPUT CLOCK
Output signal which occurs once per UPI instruction cycle SYNC can
be used as a strobe for external circuitry it is also used to synchronize single step
operation
(BUS)
D0–D7
12 – 19
IO
DATA BUS
Three-state bidirectional DATA BUS BUFFER lines used to interface the UPI
microcomputer to an 8-bit master system data bus
P10–P17
27 – 34
IO
PORT 1
8-bit PORT 1 quasi-bidirectional IO lines
P20–P27
21 – 24
IO
PORT 2
8-bit PORT 2 quasi-bidirectional IO lines The lower 4 bits (P20–P23) interface
directly to the 8243 IO expander device and contain address and data information during
35–38
PORT 4 – 7 access The upper 4 bits (P24–P27) can be programmed to provide interrupt
Request and DMA Handshake capability Software control can configure P24 as Output
Buffer Full (OBF) interrupt P25 as Input Buffer Full (IBF) interrupt P26 as DMA Request
(DRQ) and P27 as DMA ACKnowledge (DACK)
PROG
25
IO
PROGRAM
Multifunction pin used as the program pulse input during PROM programming
During IO expander access the PROG pin acts as an addressdata strobe to the 8243
This pin should be tied high if unused
VCC
40
POWER a
5V main power supply pin
VDD
26
POWER a
5V during normal operation a21V during programming operation Low power
standby supply pin
VSS
20
GROUND
Circuit ground potential
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com