Electronic Components Datasheet Search
  English  ▼

X  

8642 Datasheet(PDF) 4 Page - Intel Corporation

Part # 8642
Description  UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8642 Datasheet(HTML) 4 Page - Intel Corporation

  8642 Datasheet HTML 1Page - Intel Corporation 8642 Datasheet HTML 2Page - Intel Corporation 8642 Datasheet HTML 3Page - Intel Corporation 8642 Datasheet HTML 4Page - Intel Corporation 8642 Datasheet HTML 5Page - Intel Corporation 8642 Datasheet HTML 6Page - Intel Corporation 8642 Datasheet HTML 7Page - Intel Corporation 8642 Datasheet HTML 8Page - Intel Corporation 8642 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
8742
UPI-42 FEATURES
1
Two Data Bus Buffers one for input and one for
output This allows a much cleaner MasterSlave
protocol
290256 – 3
2
8 Bits of Status
ST7 ST6 ST5 ST4 F1 F0 IBF OBF
D7
D6
D5
D4 D3 D2 D1
D0
ST4–ST7 are user definable status bits These
bits are defined by the ‘‘MOV STS A’’ single byte
single cycle instruction Bits 4 – 7 of the acccumu-
lator are moved to bits 4 – 7 of the status register
Bits 0 – 3 of the status register are not affected
MOV STS A
Op Code 90H
1
001000
0
D7
D0
3
RD and WR are edge triggered IBF OBF F1 and
INT change internally after the trailing edge of RD
or WR
290256 – 4
During the time that the host CPU is reading the
status register the 8742 is prevented from updat-
ing this register or is ‘‘locked out’’
4
P24 and P25 are port pins or Buffer Flag pins
which can be used to interrupt a master proces-
sor These pins default to port pins on Reset
If the ‘‘EN FLAGS’’ instruction has been execut-
ed P24 becomes the OBF (Output Buffer Full) pin
A ‘‘1’’ written to P24 enables the OBF pin (the pin
outputs the OBF Status Bit) A ‘‘0’’ written to P24
disables the OBF pin (the pin remains low) This
pin can be used to indicate that valid data is avail-
able from the UPI-41A (in Output Data Bus Buff-
er)
If ‘‘EN FLAGS’’ has been executed P25 becomes
the IBF (Input Buffer Full) pin A ‘‘1’’ written to P25
enables the IBF pin (the pin outputs the inverse of
the IBF Status Bit A ‘‘0’’ written to P25 disables
the IBF pin (the pin remains low) This pin can be
used to indicate that the UPI is ready for data
290256 – 5
Data Bus Buffer Interrupt Capability
EN FLAGS
Op Code 0F5H
1
1
11010
1
D7
D0
5
P26 and P27 are port pins or DMA handshake pins
for use with a DMA controller These pins default
to port pins on Reset
If the ‘‘EN DMA’’ instruction has been executed
P26 becomes the DRQ (DMA Request) pin A ‘‘1’’
written to P26 causes a DMA request (DRQ is acti-
vated)
DRQ
is
deactivated
by
DACK
#RD
DACK
#WR or execution of the ‘‘EN DMA’’ in-
struction
If ‘‘EN DMA’’ has been executed P27 becomes
the DACK (DMA Acknowledge) pin This pin acts
as a chip select input for the Data Bus Buffer reg-
isters during DMA transfers
290256 – 6
DMA Handshake Capability
EN DMA
Op Code 0E5H
1
1
10010
1
D7
D0
6
The RESET input on the 8742 includes a 2-stage
synchronizer to support reliable reset operation
for 12 MHz operation
7
When EA is enabled on the 8742 the program
counter is placed on Port 1 and the lower three
bits of Port 2 (MSB e P22 LSB e P10) On the
8742 this information is multiplexed with PORT
DATA (see port timing diagrams at end of this
data sheet)
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com