Electronic Components Datasheet Search
  English  ▼

X  

PCD5003 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCD5003
Description  Advanced POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5003 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCD5003 Datasheet HTML 29Page - NXP Semiconductors PCD5003 Datasheet HTML 30Page - NXP Semiconductors PCD5003 Datasheet HTML 31Page - NXP Semiconductors PCD5003 Datasheet HTML 32Page - NXP Semiconductors PCD5003 Datasheet HTML 33Page - NXP Semiconductors PCD5003 Datasheet HTML 34Page - NXP Semiconductors PCD5003 Datasheet HTML 35Page - NXP Semiconductors PCD5003 Datasheet HTML 36Page - NXP Semiconductors PCD5003 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
1997 Jun 24
33
Philips Semiconductors
Product specification
Advanced POCSAG Paging Decoder
PCD5003
Notes
1. Inputs: SDA and SCL pulled up to VDD; all other inputs connected to VSS.
Outputs: RXE and ROE logic 0; REF: fref = 1⁄60 Hz; all other outputs open-circuit.
Oscillator: no crystal; external clock fosc = 76800 Hz; amplitude: VSS to VDD.
Voltage convertor disabled (SPF byte 01, bit D7 = 0; see Table 21).
2. Maximum output current is subject to absolute maximum ratings per output (see Chapter 9).
3. When ATL (open drain output) is not activated it is high impedance.
11 DC CHARACTERISTICS (WITH VOLTAGE CONVERTER)
VDD = 2.7 V; VSS =0V; VPR =VPO; Tamb = −25 to +70 °C; Cs = 100 nF; voltage converter enabled.
12 OSCILLATOR CHARACTERISTICS
Quartz crystal type: MX-1V or equivalent.
Quartz crystal parameters: f = 76 800 Hz; RS(max) =35kΩ; CL = 8 pF; C0 = 1.4 pF; C1 = 1.5 fF.
Maximum overall tolerance:
±200 × 10−6 (includes: cutting, temperature, aging).
13 EEPROM CHARACTERISTICS
Note
1. Retention cannot be guaranteed for naked dies (PCD5003U/10).
IOH
HIGH level output current
Tamb =25 °C
VIB, LED
VOH = 0.7 V
−0.6
−−2.4
mA
ATH
VOH = 0.7 V
−3.0
−−11.0
mA
INT, REF
VOH = 2.4 V
−80
−−µA
ZSD, ZSC, ZLE
VOH = 2.4 V
−60
−−µA
ATL
ATL high-impedance; note 3
−−−0.5
µA
ROE, RXE
VOH = 2.4 V
−600
−−µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
1.5
−
3.0
V
VPO(0)
output voltage; no load
VDD = 2.7; IPO =0
−
5.4
−
V
VPO
output voltage
VDD = 2.0 V; IPO = −250 µA
3.0
3.5
−
V
IPO
output current
VDD = 2.0 V; VPO = 2.7 V
−400
−650
−µA
VDD = 3.0 V; VPO = 4.5 V
−650
−900
−µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CXO
output capacitance XTAL2
−
10
−
pF
gm
oscillator transconductance
VDD = 1.5 V
6
12
−µS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
NEW
erase/write cycles
1000
10000
−
tDR
data retention time
Tamb = +70 °C; note 1
10
−−
years
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com