Electronic Components Datasheet Search
  English  ▼

X  

PCD3755FT Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCD3755FT
Description  8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3755FT Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCD3755FT Datasheet HTML 24Page - NXP Semiconductors PCD3755FT Datasheet HTML 25Page - NXP Semiconductors PCD3755FT Datasheet HTML 26Page - NXP Semiconductors PCD3755FT Datasheet HTML 27Page - NXP Semiconductors PCD3755FT Datasheet HTML 28Page - NXP Semiconductors PCD3755FT Datasheet HTML 29Page - NXP Semiconductors PCD3755FT Datasheet HTML 30Page - NXP Semiconductors PCD3755FT Datasheet HTML 31Page - NXP Semiconductors PCD3755FT Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
1997 Apr 16
28
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator,
8 kbytes OTP and 128 bytes EEPROM
PCD3755A; PCD3755E;
PCD3755F
UNIT
A
max.
A1
A2
A3
bp
cD
(1)
E
(1)
(1)
eHE
LLp
Q
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
2.65
0.30
0.10
2.45
2.25
0.49
0.36
0.32
0.23
18.1
17.7
7.6
7.4
1.27
10.65
10.00
1.1
1.0
0.9
0.4
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
1.1
0.4
SOT136-1
X
14
28
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
c
L
v M A
e
15
1
(A )
3
A
y
0.25
075E06
MS-013AE
pin 1 index
0.10
0.012
0.004
0.096
0.089
0.019
0.014
0.013
0.009
0.71
0.69
0.30
0.29
0.050
1.4
0.055
0.419
0.394
0.043
0.039
0.035
0.016
0.01
0.25
0.01
0.004
0.043
0.016
0.01
0
5
10 mm
scale
SO28: plastic small outline package; 28 leads; body width 7.5 mm
SOT136-1
95-01-24
97-05-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com