Electronic Components Datasheet Search
  English  ▼

X  

PCD3755FT Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCD3755FT
Description  8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3755FT Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCD3755FT Datasheet HTML 24Page - NXP Semiconductors PCD3755FT Datasheet HTML 25Page - NXP Semiconductors PCD3755FT Datasheet HTML 26Page - NXP Semiconductors PCD3755FT Datasheet HTML 27Page - NXP Semiconductors PCD3755FT Datasheet HTML 28Page - NXP Semiconductors PCD3755FT Datasheet HTML 29Page - NXP Semiconductors PCD3755FT Datasheet HTML 30Page - NXP Semiconductors PCD3755FT Datasheet HTML 31Page - NXP Semiconductors PCD3755FT Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
1997 Apr 16
29
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator,
8 kbytes OTP and 128 bytes EEPROM
PCD3755A; PCD3755E;
PCD3755F
UNIT
A
max.
A1
A2
A3
bp
cE(1)
eHE
LLp
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
1.60
0.20
0.05
1.45
1.35
0.25
0.4
0.3
0.18
0.12
7.1
6.9
0.8
9.15
8.85
0.9
0.5
7
0
o
o
0.25
0.1
1.0
0.2
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.75
0.45
SOT358 -1
95-12-19
97-08-04
D(1)
(1)
(1)
7.1
6.9
HD
9.15
8.85
E
Z
0.9
0.5
D
b p
e
θ
E
A1
A
L p
detail X
L
(A )
3
B
8
c
D
H
b p
E
H
A2
v M B
D
Z D
A
Z E
e
v M A
X
1
32
25
24
17
16
9
y
pin 1 index
w M
w M
0
2.5
5 mm
scale
LQFP32: plastic low profile quad flat package; 32 leads; body 7 x 7 x 1.4 mm
SOT358-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com